Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65146RGER Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65146RGER
Descripción Electrónicos  Compact LCD Bias IC with LDO, VCOM Buffer and Reset Function
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS65146RGER Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65146RGER Datasheet HTML 4Page - Texas Instruments TPS65146RGER Datasheet HTML 5Page - Texas Instruments TPS65146RGER Datasheet HTML 6Page - Texas Instruments TPS65146RGER Datasheet HTML 7Page - Texas Instruments TPS65146RGER Datasheet HTML 8Page - Texas Instruments TPS65146RGER Datasheet HTML 9Page - Texas Instruments TPS65146RGER Datasheet HTML 10Page - Texas Instruments TPS65146RGER Datasheet HTML 11Page - Texas Instruments TPS65146RGER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
400ns/div
V
=3.3V,
V =9V/4mA
IN
S
V
5V/div
SW
V
50mV/div
S_AC
I
200mA/div
L
V
5V/div
SW
V
50mV/div
S_AC
I
200mA/div
L
400ns/div
V
=3.3V,
V =9V/300mA
IN
S
0
200
400
600
800
1000
1200
1400
1600
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
-Supplyvoltage-V
IN
V
=9V/150mA
S
f=V
L =5
H
IN
m
f=GND
L =10
H
m
0
200
400
600
800
1000
1200
1400
1600
0
0.1
0.2
0.3
0.4
0.5
0.6
I -Loadcurrent- A
O
f=V
L =5 H
IN
m
f=GND
L =10 H
m
V
=3.3V,
V =9V
IN
S
V
200mV/div
S_AC
I
100mA/div
OUT
V
=3.3V,
V =9V
IN
S
C
=20 F,
L =10 H,
R
=18k ,
C
=3.3nF
OUT
COMP
COMP
m
m
W
I
=50mA -200mA
OUT
200
s/div
m
V
200mV/div
S_AC
I
100mA/div
OUT
V
=3.3V,
V =9V
IN
S
C
=20 F,
L =5 H,
R
=18k ,
C
=3.3nF
OUT
COMP
COMP
m
m
W
I
=50mA -200mA
OUT
200
s/div
m
TPS65146
SLVS869 – NOVEMBER 2008 ........................................................................................................................................................................................... www.ti.com
PWM SWITCHING
PWM SWITCHING
DISCONTINUOUS CONDUCTION MODE
CONTINUOUS CONDUCTION MODE
Figure 3.
Figure 4.
BOOST FREQUENCY
BOOST FREQUENCY
vs
vs
LOAD CURRENT
SUPPLY VOLTAGE
Figure 5.
Figure 6.
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
BOOST CONVERTER HIGH FREQUENCY
BOOST CONVERTER LOW FREQUENCY
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TPS65146


Número de pieza similar - TPS65146RGER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65140 TI-TPS65140 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI1-TPS65140 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Descripción similar - TPS65146RGER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65148 TI-TPS65148 Datasheet
1Mb / 30P
[Old version datasheet]   Compact TFT LCD Bias IC for Monitor with VCOM Buffer, Voltage Regulator for Gamma Buffer and Reset Function
TPS65150QPWPRQ1 TI-TPS65150QPWPRQ1 Datasheet
706Kb / 27P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150 TI-TPS65150 Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
logo
Maxim Integrated Produc...
MAX20067 MAXIM-MAX20067 Datasheet
4Mb / 39P
   Automotive 3-Channel Display Bias IC with VCOM Buffer, Level Shifter, and I2C Interface
Rev 2; 1/21
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
Richtek Technology Corp...
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A Datasheet
1Mb / 28P
   Dual LDO with Microcontroller RESET Function
2005
TC1301A MICROCHIP-TC1301A_08 Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
logo
New Japan Radio
NJW4116T1 NJRC-NJW4116T1 Datasheet
1Mb / 13P
   Io=500mA LDO with Reset function
Ver.2016-04-05
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com