Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS71926-15DRVRG4 Datasheet(PDF) 7 Page - Texas Instruments

No. de Pieza. TPS71926-15DRVRG4
Descripción  Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS71926-15DRVRG4 Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
200
160
120
80
40
0
0
100
200
I
(mA)
OUT
50
150
T =+125 C
J
°
T =
0 C
J
-4 °
T =+85 C
J
°
T =+25 C
J
°
60
50
40
30
20
10
0
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
I
=1mA
OUT
-40
65
125
T ( C)
J °
5
35
-25 -10
20
50
80
95
110
140
120
100
80
60
40
20
0
I
=0mA
OUT
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
T = 40 C
J
-
°
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
T =+125 C
J
°
T =+85 C
J
°
T =+25 C
J
°
450
425
400
375
350
325
300
275
250
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
T =+125 C
J
T =+85 C
T =+25 C
T = 40 C
J
J
J
-
°
°
°
°
90
80
70
60
50
40
30
20
10
0
10
100k
10M
Frequency(Hz)
1k
10k
100
1M
5mA
100mA
200mA
TPS718xx
TPS719xx
www.ti.com..................................................................................................................................................... SBVS088C – FEBRUARY 2007 – REVISED MAY 2008
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater;
IOUT = 0.5mA, VEN1 = VEN2 = VIN, COUT = 1.0µF, unless otherwise noted. Typical values are at TJ = +25°C.
GROUND PIN CURRENT vs
GROUND PIN CURRENT vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 8.
Figure 9.
GROUND PIN CURRENT vs
SHUTDOWN CURRENT vs
TEMPERATURE (BOTH LDOs ENABLED)
INPUT VOLTAGE
Figure 10.
Figure 11.
CURRENT LIMIT vs
POWER-SUPPLY RIPPLE REJECTION vs
INPUT VOLTAGE
FREQUENCY (VIN – VOUT = 0.5V)
Figure 12.
Figure 13.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS718xx TPS719xx


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn