Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8920CJ Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza TDA8920CJ
Descripción Electrónicos  2 X110 W class-D power amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8920CJ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8920CJ Datasheet HTML 5Page - NXP Semiconductors TDA8920CJ Datasheet HTML 6Page - NXP Semiconductors TDA8920CJ Datasheet HTML 7Page - NXP Semiconductors TDA8920CJ Datasheet HTML 8Page - NXP Semiconductors TDA8920CJ Datasheet HTML 9Page - NXP Semiconductors TDA8920CJ Datasheet HTML 10Page - NXP Semiconductors TDA8920CJ Datasheet HTML 11Page - NXP Semiconductors TDA8920CJ Datasheet HTML 12Page - NXP Semiconductors TDA8920CJ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
TDA8920C_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 29 September 2008
9 of 40
NXP Semiconductors
TDA8920C
2
× 110 W class-D power amplifier
TFB is specified at the thermal foldback activation temperature Tact(th_fold) where the
closed-loop voltage gain is reduced by 6 dB. The TFB range is:
Tact(th_fold) − 5 °C < Tact(th_fold) < Tact(th_prot)
The value of Tact(th_fold) for the TDA8920C is approximately 153 °C; see Table 7 for more
details.
8.3.1.2
OverTemperature Protection (OTP)
If despite the TFB function, the junction temperature (Tj) of the TDA8920C continues to
rise exceeding the thermal protection activation temperature Tact(th_prot), the amplifier
shuts down immediately. The amplifier resumes switching approximately 100 ms after the
temperature drops below Tact(th_prot).
The thermal behavior is illustrated in Figure 6.
8.3.2 OverCurrent Protection (OCP)
OverCurrent Protection (OCP) will detect a short-circuit applied to any of the demodulated
outputs of the amplifier. If the output current exceeds the 9.2 A maximum, it is
automatically limited to its maximum value by the OCP protection circuit, the amplifier is
NOT shut down completely, and the amplifier outputs continue switching. If the active
current limiting continues longer than time (
τ), the TDA8920C shuts down. Activation of
current limiting and the triggering of OCP are output at pin PROT.
OCP can distinguish between a loudspeaker impedance drop and a low-ohmic
short-circuit across the load. In the TDA8920C, the impedance threshold (Zth) depends on
the supply voltage used.
If a short-circuit occurs across the load causing the impedance to drop below the
threshold level (< Zth), the amplifier switches off completely. After 100 ms, it tries to restart.
If the short-circuit condition is still present, the cycle is repeated. The average power
dissipation will be low because of the low duty cycle.
(1) Duty cycle of PWM output modulated according to the audio input signal.
(2) Duty cycle of PWM output reduced due to TFB.
(3) Amplifier is switched off due to OTP.
Fig 6.
Behavior of TFB and OTP
001aah656
(Tact(th_fold) − 5°C)
Tact(th_fold)
Tj (°C)
Tact(th_prot)
Gain
(dB)
30 dB
24 dB
0 dB
12
3


Número de pieza similar - TDA8920CJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8920CJ NXP-TDA8920CJ Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
More results

Descripción similar - TDA8920CJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920C NXP-TDA8920C_09 Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com