Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA9885T/V3 Datasheet(PDF) 5 Page - NXP Semiconductors |
|
TDA9885T/V3 Datasheet(HTML) 5 Page - NXP Semiconductors |
5 / 56 page xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x Pin numbers for TDA9885HN and TDA9886HN in parentheses. (1) Not connected for TDA9885 Fig 1. Block diagram of TDA9885; TDA9886 008aaa174 DIGITAL VCO CONTROL AFC DETECTOR RC VCO VIF PLL VIF AGC TUNER AGC SUPPLY SIF AGC AUDIO PROCESSING AND SWITCHES NARROWBAND FM-PLL DEMODULATOR SINGLE REFERENCE QSS MIXER INTERCARRIER MIXER AND AM DEMODULATOR SOUND CARRIER TRAPS 4.5 MHz to 6.5 MHz TAGC CVAGC(pos) CAGC(neg) CBL VAGC(1) TOP 14 (15) VPLL 19 (21) 9 (8) 16 (17) 15 (16) 21 (23) 4 (2) 10 (9) 11 (10) 12 (11) 18 (20) 20 (22) 2 (31) 1 (30) (18) 17 (7) 8 (3) 5 (4) 6 external reference signal or 4 MHz crystal REF AFC AUD CVBS audio output video output: 2 V (p-p) [1.1 V (p-p) without trap] CAF SIOMAD SDA SCL MAD VP CAGC (6, 12, 13, 14, 17, 19, 25, 28, 29, 32) 13 n.c. AGND 7 (5) DGND OUTPUT PORTS I2C-BUS TRANSCEIVER 22 (24) 3 (1) OP1 OP2 FMPLL DEEM AFD sound intercarrier output and MAD select FM-PLL filter VIF-PLL filter de-emphasis network VIF2 VIF1 24 (27) 23 (26) SIF2 SIF1 TDA9885 TDA9886 |
Número de pieza similar - TDA9885T/V3 |
|
Descripción similar - TDA9885T/V3 |