Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1750T Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TEA1750T
Descripción Electrónicos  GreenChip III SMPS control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1750T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA1750T Datasheet HTML 2Page - NXP Semiconductors TEA1750T Datasheet HTML 3Page - NXP Semiconductors TEA1750T Datasheet HTML 4Page - NXP Semiconductors TEA1750T Datasheet HTML 5Page - NXP Semiconductors TEA1750T Datasheet HTML 6Page - NXP Semiconductors TEA1750T Datasheet HTML 7Page - NXP Semiconductors TEA1750T Datasheet HTML 8Page - NXP Semiconductors TEA1750T Datasheet HTML 9Page - NXP Semiconductors TEA1750T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TEA1750_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 December 2008
6 of 29
NXP Semiconductors
TEA1750
GreenChip III SMPS control IC
When the PFC is started, there is initially no supply take-over from the auxiliary winding.
To make a small VCC capacitor possible, the VCC voltage is regulated to the Vstartup level,
as long as the flyback converter has not yet started. Regulation is done by hysteretic
control with a limited (high level) charge current. The hysteresis is typically 300 mV.
If during start-up the LATCH pin does not reach the Ven(LATCH) level before VCC reaches
Vth(UVLO), the LATCH pin output is de-activated and the charge current is switched on
again.
As soon as the flyback converter is started, the voltage on the FBCTRL pin is monitored. If
the output voltage of the flyback converter does not reach its intended regulation level in a
predefined time, the voltage on the FBCTRL pin reaches the Vto(FBCTRL) level and an error
is assumed. The TEA1750 then initiates a safe restart.
When one of the protection functions is activated, both converters stop switching and the
VCC voltage drops to Vth(UVLO). A latched protection recharges the VCC capacitor via the
HV pin, but does not restart the converters. For a safe-restart protection, the capacitor is
recharged via the HV pin and the device restarts (see Figure 1)
In the event of an overvoltage protection of the PFC circuit
(VI on pin VOSENSE > Vovp(VOSENSE)), only the PFC controller stops switching until the
VOSENSE pin voltage drops below Vovp(VOSENSE) again. Also, if a mains undervoltage is
detected (VI on pin VINSENSE < Vstop(VINSENSE)), only the PFC controller stops switching
until VI on pin VINSENSE > Vstart(VINSENSE) again.
When the voltage on pin VCC drops below the undervoltage lock-out level, both controllers
stop switching and re-enter the safe restart mode. In the safe restart mode the driver
outputs are disabled and the VCC pin voltage is recharged via the HV pin.


Número de pieza similar - TEA1750T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1751LT NXP-TEA1751LT Datasheet
264Kb / 29P
   GreenChip III SMPS control IC
Rev. 02-23 December 2009
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1751T NXP-TEA1751T Datasheet
264Kb / 29P
   GreenChip III SMPS control IC
Rev. 02-23 December 2009
TEA1751T NXP-TEA1751T Datasheet
273Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-10 January 2013
TEA1751T NXP-TEA1751T_V01 Datasheet
273Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-10 January 2013
More results

Descripción similar - TEA1750T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1751T NXP-TEA1751T Datasheet
264Kb / 29P
   GreenChip III SMPS control IC
Rev. 02-23 December 2009
TEA1752T NXP-TEA1752T Datasheet
818Kb / 34P
   GreenChip III SMPS control IC
Rev. 02-24 June 2010
TEA1733T NXP-TEA1733T_10 Datasheet
185Kb / 20P
   GreenChip III SMPS control IC
Rev. 02-26 March 2010
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com