Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4350-DZZR Datasheet(PDF) 38 Page - Cirrus Logic

No. de pieza CS4350-DZZR
Descripción Electrónicos  192 kHz Stereo DAC with Integrated PLL
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350-DZZR Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS4350-DZZR Datasheet HTML 33Page - Cirrus Logic CS4350-DZZR Datasheet HTML 34Page - Cirrus Logic CS4350-DZZR Datasheet HTML 35Page - Cirrus Logic CS4350-DZZR Datasheet HTML 36Page - Cirrus Logic CS4350-DZZR Datasheet HTML 37Page - Cirrus Logic CS4350-DZZR Datasheet HTML 38Page - Cirrus Logic CS4350-DZZR Datasheet HTML 39Page - Cirrus Logic CS4350-DZZR Datasheet HTML 40Page - Cirrus Logic CS4350-DZZR Datasheet HTML 41Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
38
DS691F1
CS4350
10.PARAMETER DEFINITIONS
Total Harmonic Distortion + Noise (THD+N)
The ratio of the rms value of the signal to the rms sum of all other spectral components over the specified
bandwidth (typically 10 Hz to 20 kHz), including distortion components. Expressed in decibels.
Dynamic Range
The ratio of the full-scale rms value of the signal to the rms sum of all other spectral components over the
specified bandwidth. Dynamic range is a signal-to-noise measurement over the specified bandwidth made
with a -60 dBFS signal. Then, 60 dB is added to the resulting measurement to refer the measurement to full
scale. This technique ensures that the distortion components are below the noise level and do not effect the
measurement. This measurement technique has been accepted by the Audio Engineering Society, AES17-
1991, and the Electronic Industries Association of Japan, EIAJ CP-307.
Interchannel Isolation
A measure of crosstalk between the left and right channels. Measured for each channel at the converter's
output with all zeros to the input under test and a full-scale signal applied to the other channel. Units in deci-
bels.
Interchannel Gain Mismatch
The gain difference between left and right channels. Units in decibels.
Gain Drift
The change in gain value with temperature. Units in ppm/°C.
Intra-Channel Phase Deviation
The deviation from linear phase within a given channel.
Inter-Channel Phase Deviation
The difference in phase between channels.


Número de pieza similar - CS4350-DZZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
More results

Descripción similar - CS4350-DZZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
logo
Analog Devices
AD1934 AD-AD1934 Datasheet
527Kb / 28P
   8-Channel DAC with PLL, 192 kHz, 24 Bits
REV. 0
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
logo
Cirrus Logic
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com