Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4353-DNZ Datasheet(PDF) 10 Page - Cirrus Logic

No. de pieza CS4353-DNZ
Descripción Electrónicos  3.3 V Stereo Audio DAC with 2 VRMS Line Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4353-DNZ Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4353-DNZ Datasheet HTML 6Page - Cirrus Logic CS4353-DNZ Datasheet HTML 7Page - Cirrus Logic CS4353-DNZ Datasheet HTML 8Page - Cirrus Logic CS4353-DNZ Datasheet HTML 9Page - Cirrus Logic CS4353-DNZ Datasheet HTML 10Page - Cirrus Logic CS4353-DNZ Datasheet HTML 11Page - Cirrus Logic CS4353-DNZ Datasheet HTML 12Page - Cirrus Logic CS4353-DNZ Datasheet HTML 13Page - Cirrus Logic CS4353-DNZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
DS803PP1
CS4353
SWITCHING SPECIFICATIONS - SERIAL AUDIO INTERFACE
Parameters
Symbol
Min
Max
Units
MCLK Frequency
2.048
51.2
MHz
MCLK Duty Cycle
45
55
%
Input Sample Rate (Auto selection)
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
Fs
Fs
Fs
8
84
170
54
108
216
kHz
kHz
kHz
LRCK Duty Cycle
40
60
%
SCLK Pulse Width Low
tsclkl
20
-
ns
SCLK Pulse Width High
tsclkh
20
-
ns
SCLK Period
Single-Speed Mode
-
s
Double-Speed Mode
-
s
Quad-Speed Mode
-
s
SCLK rising to LRCK edge delay
tslrd
20
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
ns
SDIN valid to SCLK rising setup time
tsdlrs
20
-
ns
SCLK rising to SDIN hold time
tsdh
20
-
ns
sclkh
t
slrs
t
slrd
t
sd lrs
t
sd h
t
sclkl
t
SDA TA
SC L K
LR C K
Figure 1. Serial Input Timing
1
128
()Fs
----------------------
1
64
()Fs
------------------
1
64
()Fs
------------------


Número de pieza similar - CS4353-DNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4353-CNZ CIRRUS-CS4353-CNZ Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353-CNZR CIRRUS-CS4353-CNZR Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
More results

Descripción similar - CS4353-DNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4354 CIRRUS-CS4354 Datasheet
559Kb / 25P
   5 V Stereo DAC with 2 VRMS Ground-centered Output
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
   24-bit I2S Audio DAC with 2 Vrms Output
logo
Texas Instruments
PCM5242 TI1-PCM5242 Datasheet
2Mb / 128P
[Old version datasheet]   Audio Stereo Differential-Output DAC
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com