Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS8422-DNZR Datasheet(PDF) 1 Page - Cirrus Logic

No. de pieza CS8422-DNZR
Descripción Electrónicos  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-DNZR Datasheet(HTML) 1 Page - Cirrus Logic

  CS8422-DNZR Datasheet HTML 1Page - Cirrus Logic CS8422-DNZR Datasheet HTML 2Page - Cirrus Logic CS8422-DNZR Datasheet HTML 3Page - Cirrus Logic CS8422-DNZR Datasheet HTML 4Page - Cirrus Logic CS8422-DNZR Datasheet HTML 5Page - Cirrus Logic CS8422-DNZR Datasheet HTML 6Page - Cirrus Logic CS8422-DNZR Datasheet HTML 7Page - Cirrus Logic CS8422-DNZR Datasheet HTML 8Page - Cirrus Logic CS8422-DNZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
Copyright
© Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
24-bit, 192 kHz, Asynchronous Sample Rate Converter with
Integrated Digital Audio Interface Receiver
Sample Rate Converter Features
140 dB Dynamic Range
-120 dB THD+N
No External Master Clock Required
Supports Sample Rates up to 211 kHz
Input/Output Sample Rate Ratios from 6:1 to
1:6
Master Mode Master Clock/Sample Rate Ratio
Support: 64, 96, 128, 192, 256, 384, 512, 768,
1024
16, 18, 20, or 24-bit Data I/O
Dither Automatically Applied and Scaled to
Output Resolution
Multiple Device Outputs are Phase Matched
Digital Audio Interface Receiver
Features
Complete EIAJ CP1201, IEC-60958, AES3,
S/PDIF Compatible Receiver
28 kHz to 216 kHz Sample Rate Range
2:1 Differential AES3 or 4:1 S/PDIF Input Mux
De-emphasis Filtering for 32 kHz, 44.1 kHz,
and 48 kHz
Recovered Master Clock Output: 64 x Fs,
96 x Fs, 128 x Fs, 192 x Fs, 256 x Fs,
384 x Fs, 512 x Fs, 768 x Fs, 1024 x Fs
49.152 MHz Maximum Recovered Master
Clock Frequency
Ultra-low-jitter Clock Recovery
High Input Jitter Tolerance
No External PLL Filter Components Required
Selectable and Automatic Clock Switching
AES3 Direct Output and AES3 TX Pass-
through
On-chip Channel Status Data Buffering
Automatic Detection of Compressed Audio
Streams
Decodes CD Q Sub-Code
Serial
Audio
Input
4:1
MUX
RX0/RXP0
RX1/RXN0
RX2/RXP1
RX3/RXN1
Receiver
Clock &
Data
Recovery
(PLL)
ILRCK
ISCLK
SDIN
Sample
Rate
Converter
C or U Data Buffer
(First 5 Bytes)
Control Port & Registers
2:1
MUX
Serial
Audio
Output
3:1
MUX
XTI
Clock
Generator
SDA/
CDOUT
SCL/
CCLK
AD1/
CDIN
AD0/
CS
RMCK
General
Purpose
Outputs
GPO0
Format
Detect
GPO1
GPO2
GPO3
OLRCK1
OSCLK1
SDOUT1
TDM_IN
Serial
Audio
Output
3:1
MUX
OLRCK2
OSCLK2
SDOUT2
VL
VA
AGND
XTO
Level Translators
Level Translators
DGND
V_REG
SEP '08
DS692PP1
CS8422


Número de pieza similar - CS8422-DNZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS8422-DNZR CIRRUS-CS8422-DNZR Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422-DNZR CIRRUS-CS8422-DNZR Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
More results

Descripción similar - CS8422-DNZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com