Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AT28HC64B Datasheet(PDF) 5 Page - ATMEL Corporation

No. de pieza AT28HC64B
Descripción Electrónicos  64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC64B Datasheet(HTML) 5 Page - ATMEL Corporation

  AT28HC64B_08 Datasheet HTML 1Page - ATMEL Corporation AT28HC64B_08 Datasheet HTML 2Page - ATMEL Corporation AT28HC64B_08 Datasheet HTML 3Page - ATMEL Corporation AT28HC64B_08 Datasheet HTML 4Page - ATMEL Corporation AT28HC64B_08 Datasheet HTML 5Page - ATMEL Corporation AT28HC64B_08 Datasheet HTML 6Page - ATMEL Corporation AT28HC64B_08 Datasheet HTML 7Page - ATMEL Corporation AT28HC64B_08 Datasheet HTML 8Page - ATMEL Corporation AT28HC64B_08 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
0274K–PEEPR–8/08
AT28HC64B
Notes:
1. X can be VIL or VIH.
2. See “AC Write Waveforms” on page 8.
3. VH = 12.0 V ±0.5 V.
Note:
1. ISB1 and ISB2 for the 55 ns part is 40 mA maximum.
5.
DC and AC Operating Range
AT28HC64B-70
AT28HC64B-90
AT28HC64B-120
Operating Temperature (Case)
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
5 V
±10%
5 V
±10%
5 V
±10%
6.
Operating Modes
Mode
CE
OE
WE
I/O
Read
VIL
VIL
VIH
DOUT
Write(2)
V
IL
V
IH
V
IL
D
IN
Standby/Write Inhibit
V
IH
X(1)
X
High Z
Write Inhibit
X
X
VIH
Write Inhibit
X
V
IL
X
Output Disable
X
V
IH
X
High Z
Chip Erase
VIL
VH
(3)
VIL
High Z
7.
Absolute Maximum Ratings*
Temperature Under Bias................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability
Storage Temperature ..................................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground .................................-0.6 V to +6.25 V
All Output Voltages
with Respect to Ground ...........................-0.6 V to VCC + 0.6 V
Voltage on OE and A9
with Respect to Ground ..................................-0.6 V to +13.5V
8.
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0 V to VCC + 1 V
10
µA
I
LO
Output Leakage Current
V
I/O = 0 V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3 V to VCC + 1 V
100(1)
µA
ISB2
VCC Standby Current TTL
CE = 2.0 V to VCC + 1 V
2(1)
mA
I
CC
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
40
mA
V
IL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.40
V
V
OH
Output High Voltage
I
OH = -400 µA
2.4
V


Número de pieza similar - AT28HC64B_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
More results

Descripción similar - AT28HC64B_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_09 Datasheet
451Kb / 16P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B Datasheet
661Kb / 12P
   64K 8K x 8 High Speed CMOS E2PROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com