Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AT29BV040A Datasheet(PDF) 3 Page - ATMEL Corporation

No. de pieza AT29BV040A
Descripción Electrónicos  4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29BV040A Datasheet(HTML) 3 Page - ATMEL Corporation

  AT29BV040A_08 Datasheet HTML 1Page - ATMEL Corporation AT29BV040A_08 Datasheet HTML 2Page - ATMEL Corporation AT29BV040A_08 Datasheet HTML 3Page - ATMEL Corporation AT29BV040A_08 Datasheet HTML 4Page - ATMEL Corporation AT29BV040A_08 Datasheet HTML 5Page - ATMEL Corporation AT29BV040A_08 Datasheet HTML 6Page - ATMEL Corporation AT29BV040A_08 Datasheet HTML 7Page - ATMEL Corporation AT29BV040A_08 Datasheet HTML 8Page - ATMEL Corporation AT29BV040A_08 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
0383J–FLASH–9/08
AT29BV040A
3.
Block Diagram
4.
Device Operation
4.1
Read
The AT29BV040A is accessed like an EPROM. When CE and OE are low and WE is high, the
data stored at the memory location determined by the address pins is asserted on the outputs.
The outputs are put in the high impedance state whenever CE or OE is high. This dual-line con-
trol gives designers flexibility in preventing bus contention.
4.2
Software Data Protection Programming
The AT29BV040 has 2048 individual sectors, each 256 bytes. Using the software data protec-
tion feature, byte loads are used to enter the 256 bytes of a sector to be programmed. The
AT29BV040A can only be programmed or reprogrammed using the software data protection
feature. The device is programmed on a sector basis. If a byte of data within the sector is to be
changed, data for the entire 256-byte sector must be loaded into the device. The AT29BV040A
automatically does a sector erase prior to loading the data into the sector. An erase command is
not required.
Software data protection protects the device from inadvertent programming. A series of three
program commands to specific addresses with specific data must be presented to the device
before programming may occur. The same three program commands must begin each program
operation. All software program commands must obey the sector program timing specifications.
Power transitions will not reset the software data protection feature, however the software fea-
ture will guard against inadvertent program cycles during power transitions.
Any attempt to write to the device without the 3-byte command sequence will start the internal
write timers. No data will be written to the device; however, for the duration of t
WC, a read opera-
tion will effectively be a polling operation.
After the software data protection’s 3-byte command code is given, a byte load is performed by
applying a low pulse on the WE or CE input with CE or WE low (respectively) and OE high. The
address is latched on the falling edge of CE or WE, whichever occurs last. The data is latched by
the first rising edge of CE or WE.
The 256 bytes of data must be loaded into each sector. Any byte that is not loaded during the
programming of its sector will be indeterminate. Once the bytes of a sector are loaded into the
device, they are simultaneously programmed during the internal programming period. After the


Número de pieza similar - AT29BV040A_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT29BV040A-20TC ATMEL-AT29BV040A-20TC Datasheet
168Kb / 14P
   4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT29BV040A-20TI ATMEL-AT29BV040A-20TI Datasheet
168Kb / 14P
   4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT29BV040A-25TC ATMEL-AT29BV040A-25TC Datasheet
168Kb / 14P
   4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT29BV040A-25TI ATMEL-AT29BV040A-25TI Datasheet
168Kb / 14P
   4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
More results

Descripción similar - AT29BV040A_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
   4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV512 ATMEL-AT49BV512 Datasheet
118Kb / 11P
   512K 64K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com