Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AT89C2051-24SU Datasheet(PDF) 15 Page - ATMEL Corporation

No. de pieza AT89C2051-24SU
Descripción Electrónicos  8-bit Microcontroller with 2K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C2051-24SU Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89C2051-24SU Datasheet HTML 11Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 12Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 13Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 14Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 15Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 16Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 17Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 18Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
0368H–MICRO–6/08
AT89C2051
24. I
CC (Active Mode) Measurements
25. I
CC (Idle Mode) Measurements
26. I
CC (Power Down Mode) Measurements
AT89C2051
TYPICAL ICC - ACTIVE (85°C)
0
5
10
15
20
0
6
12
18
24
FREQUENCY (MHz)
I
C
C
m
A
Vcc=6.0V
Vcc=5.0V
Vcc=3.0V
AT89C2051
TYPICAL ICC - IDLE (85°C)
0
1
2
3
036
9
12
FREQUENCY (MHz)
I
C
C
m
A
Vcc=6.0V
Vcc=5.0V
Vcc=3.0V
AT89C2051
TYPICAL ICC vs. VOLTAGE- POWER DOWN (85°C)
0
5
10
15
20
3.0V
4.0V
5.0V
6.0V
Vcc VOLTAGE
I
C
C
µ
A
Notes:
1. XTAL1 tied to GND
2. P.1.0 and P1.1 = VCC or GND
3. Lock bits programmed


Número de pieza similar - AT89C2051-24SU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT89C2051-24SU ATMEL-AT89C2051-24SU Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
More results

Descripción similar - AT89C2051-24SU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com