Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML2726DH-T Datasheet(PDF) 6 Page - SIRENZA MICRODEVICES

No. de pieza ML2726DH-T
Descripción Electrónicos  2.4GHz Low-IF 2.0Mbps FSK Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIRENZA [SIRENZA MICRODEVICES]
Página de inicio  
Logo SIRENZA - SIRENZA MICRODEVICES

ML2726DH-T Datasheet(HTML) 6 Page - SIRENZA MICRODEVICES

Back Button ML2726DH-T Datasheet HTML 2Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 3Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 4Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 5Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 6Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 7Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 8Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 9Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 10Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ML2726
PRELIMINARY DATASHEET
OCT 2007
EDS-105982 REV P01
6
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRSMD
RSSI midrange voltage
-40dBm into RXI
1.4
1.7
2.0
V
VRSMN
RSSI minimum voltage
No signal into RXI
75
mV
VRSMXC
RSSI maximum voltage (clipped)
-10dBm into RXI
1.6
1.95
V
TRANSMIT RF MIXER
POSE
Output power, single ended
TRXO or TRXOB, fC=2.445GHz
-3
1
5
dBm
PODIF
Output power, differential
P(TRXO,TRXOB), fC=2.445GHz
-1
3
6
dBm
ZOUT
Output impedance
TRXO or TRXOB, fC=2.445GHz
12+j0
Ω
TRANSMIT MODULATION
fDEV
Modulation Deviation, @2.4GHz
200us of consecutive ‘1’s or ‘0’s
750
768
786
kHz
fOS
Modulation center frequency offset
50us after RXON low
-75
+75
kHz
TRANSMIT DATA FILTER
BWTX
Transmit Data Filter Bandwidth
3dB Bandwidth
2.1
MHz
TX spurious
Image
-25
-20
dBc
dBc
INTERFACE LOGIC LEVELS
INPUTS (DIN, XCEN, RXON, DATA, CLK, EN)
VIH
Input high voltage
(never exceed VDD)
0.75*VDD
VDD
V
VIL
Input low voltage
0
0.25*VDD
V
IB
Input bias current
-5
0
5
μA
CIN
Input capacitance
(measured at 1MHz)
4
pF
OUTPUTS (DOUT, PAON)
VOH
DOUT high voltage
Io=0.1mA
VDD-0.4
V
VOL
DOUT low voltage
Io=-0.1mA
0.4
V
Io
DOUT sink/source current
0.1
mA
VOH
PAON output high voltage
Sourcing 0.5mA
VDD-0.4
V
VOL
PAON output low voltage
Sinking 0.5mA
0.4
V
Io
PAON source/sink current
0.5
mA
3 WIRE SERIAL BUS TIMING
tr
CLK input rise time
15
ns
tf
CLK input fall time
15
ns
tck
CLK period
50
ns
tew
CLK pulse width
100
ns
tl
Delay from last CLK falling edge
15
ns
tse
EN setup time to ignore next
rising CLK
15
ns
ts
DATA-to-CLK setup time
15
ns
th
DATA-to-CLK hold time
See Figure 4
15
ns


Número de pieza similar - ML2726DH-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML2721 MICRO-LINEAR-ML2721 Datasheet
96Kb / 2P
   900MHz DSSS RF to Digital Transceiver Chipset
ML2721 MICRO-LINEAR-ML2721 Datasheet
298Kb / 27P
   Low IF Digital Cordless Transceiver
ML2721-1 MICRO-LINEAR-ML2721-1 Datasheet
96Kb / 2P
   900MHz DSSS RF to Digital Transceiver Chipset
ML2721DH MICRO-LINEAR-ML2721DH Datasheet
298Kb / 27P
   Low IF Digital Cordless Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results

Descripción similar - ML2726DH-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
logo
Micro Linear Corporatio...
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com