Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FM27C512 Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FM27C512
Descripción Electrónicos  524,288-Bit (64K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C512 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FM27C512_01 Datasheet HTML 2Page - Fairchild Semiconductor FM27C512_01 Datasheet HTML 3Page - Fairchild Semiconductor FM27C512_01 Datasheet HTML 4Page - Fairchild Semiconductor FM27C512_01 Datasheet HTML 5Page - Fairchild Semiconductor FM27C512_01 Datasheet HTML 6Page - Fairchild Semiconductor FM27C512_01 Datasheet HTML 7Page - Fairchild Semiconductor FM27C512_01 Datasheet HTML 8Page - Fairchild Semiconductor FM27C512_01 Datasheet HTML 9Page - Fairchild Semiconductor FM27C512_01 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
www.fairchildsemi.com
FM27C512 Rev. A
Functional Description
DEVICE OPERATION
The six modes of operation of the EPROM are listed in Table1. It
should be noted that all inputs for the six modes are at TTL levels.
The power supplies required are V
CC and OE/VPP. The OE/VPP
power supply must be at 12.75V during the three programming
modes, and must be at 5V in the other three modes. The V
CC
power supply must be at 6.5V during the three programming
modes, and at 5V in the other three modes.
Read Mode
The EPROM has two control functions, both of which must be
logically active in order to obtain data at the outputs. Chip Enable
(CE/PGM) is the power control and should be used for device
selection. Output Enable (OE/VPP) is the output control and should
be used to gate data to the output pins, independent of device
selection. Assuming that addresses are stable, address access
time (tACC) is equal to the delay from CE to output (tCE). Data is
available at the outputs t
OE after the falling edge of OE, assuming
that CE has been low and addresses have been stable for at least
tACC – tOE.
Standby Mode
The EPROM has a standby mode which reduces the active power
dissipation by over 99%, from 220 mW to 0.55 mW. The EPROM
is placed in the standby mode by applying a CMOS high signal to
the CE/PGM input. When in standby mode, the outputs are in a
high impedance state, independent of the OE input.
Output Disable
The EPROM is placed in output disable by applying a TTL high
signal to the OE input. When in output disable all circuitry is
enabled, except the outputs are in a high impedance state (TRI-
STATE).
Output OR-Typing
Because the EPROM is usually used in larger memory arrays,
Fairchild has provided a 2-line control function that accommo-
dates this use of multiple memory connections. The 2-line control
function allows for:
1. the lowest possible memory power dissipation, and
2. complete assurance that output bus contention will not
occur.
To most efficiently use these two control lines, it is recommended
that CE/PGM be decoded and used as the primary device select-
ing function, while OE/V
PP be made a common connection to all
devices in the array and connected to the READ line from the
system control bus.
This assures that all deselected memory devices are in their low
power standby modes and that the output pins are active only
when data is desired from a particular memory device.
Programming
CAUTION: Exceeding 14V on pin 22 (OE/V
PP) will damage the
EPROM.
Initially, and after each erasure, all bits of the EPROM are in the
“1’s” state. Data is introduced by selectively programming “0’s”
into the desired bit locations. Although only “0’s” will be pro-
grammed, both “1’s” and “0’s” can be presented in the data word.
The only way to change a “0” to a “1” is by ultraviolet light erasure.
The EPROM is in the programming mode when the OE/V
PP is at
12.75V. It is required that at least a 0.1
µF capacitor be placed
across V
CC to ground to suppress spurious voltage transients
which may damage the device. The data to be programmed is
applied 8 bits in parallel to the data output pins. The levels required
for the address and data inputs are TTL.
When the address and data are stable, an active low, TTL program
pulse is applied to the CE/PGM input. A program pulse must be
applied at each address location to be programmed.
The EPROM is programmed with the Turbo Programming Algo-
rithm shown in Figure 1. Each Address is programmed with a
series of 50
µs pulses until it verifies good, up to a maximum of 10
pulses. Most memory cells will program with a single 50
µs pulse.
(The standard National Semiconductor Algorithm may also be
used but it will have longer programming time.)
The EPROM must not be programmed with a DC signal applied to
the CE/PGM input.
Programming multiple EPROM in parallel with the same data can
be easily accomplished due to the simplicity of the programming
requirements. Like inputs of the parallel EPROM may be con-
nected together when they are programmed with the same data.
A low level TTL pulse applied to the CE/PGM input programs the
paralleled EPROM.
Program Inhibit
Programming multiple EPROMs in parallel with different data is
also easily accomplished. Except for CE/PGM all like inputs
(including OE/VPP) of the parallel EPROMs may be common. A
TTL low level program pulse applied to an EPROM’s CE/PGM
input with OE/V
PP at 12.75V will program that EPROM. A TTL high
level CE/PGM input inhibits the other EPROMs from being pro-
grammed.
Program Verify
A verify should be performed on the programmed bits to determine
whether they were correctly programmed. The verify is accom-
plished with OE/VPP and CE at VIL. Data should be verified TDV
after the falling edge of CE.
AFTER PROGRAMMING
Opaque labels should be placed over the EPROM window to
prevent unintentional erasure. Covering the window will also
prevent temporary functional failure due to the generation of photo
currents.
MANUFACTURER’S IDENTIFICATION CODE
The EPROM has a manufacturer’s identification code to aid in
programming. When the device is inserted in an EPROM pro-
grammer socket, the programmer reads the code and then
automatically calls up the specific programming algorithm for the
part. This automatic programming control is only possible with
programmers which have the capability of reading the code.
The Manufacturer’s Identification code, shown in Table 2, specifi-
cally identifies the manufacturer and device type. The code for
FM27C512 is “8F85”, where “8F” designates that it is made by
Fairchild Semiconductor, and “85” designates a 512K part.
The code is accessed by applying 12V
±0.5V to address pin A9.
Addresses A1–A8, A10–A16, and all control pins


Número de pieza similar - FM27C512_01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Fairchild Semiconductor
Fairchild Semiconductor
FM27C512N120 FAIRCHILD-FM27C512N120 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512N150 FAIRCHILD-FM27C512N150 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512N90 FAIRCHILD-FM27C512N90 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512NE120 FAIRCHILD-FM27C512NE120 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512NE150 FAIRCHILD-FM27C512NE150 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results

Descripción similar - FM27C512_01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
National Semiconductor (TI)
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
Fairchild Semiconductor
Fairchild Semiconductor
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
National Semiconductor (TI)
National Semiconductor ...
NM27P512 NSC-NM27P512 Datasheet
176Kb / 12P
   524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
Fairchild Semiconductor
Fairchild Semiconductor
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
Macronix International
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
NXP Semiconductors
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
Cypress Semiconductor
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
AMIC Technology
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz