Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM27C512VE120 Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza FM27C512VE120
Descripción Electrónicos  524,288-Bit (64K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C512VE120 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FM27C512VE120 Datasheet HTML 2Page - Fairchild Semiconductor FM27C512VE120 Datasheet HTML 3Page - Fairchild Semiconductor FM27C512VE120 Datasheet HTML 4Page - Fairchild Semiconductor FM27C512VE120 Datasheet HTML 5Page - Fairchild Semiconductor FM27C512VE120 Datasheet HTML 6Page - Fairchild Semiconductor FM27C512VE120 Datasheet HTML 7Page - Fairchild Semiconductor FM27C512VE120 Datasheet HTML 8Page - Fairchild Semiconductor FM27C512VE120 Datasheet HTML 9Page - Fairchild Semiconductor FM27C512VE120 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.fairchildsemi.com
www.fairchildsemi.com
FM27C512 Rev. A
Physical Dimensions inches (millimeters) unless otherwise noted
32-Lead Plastic Leaded Chip Carrier (PLCC)
Order Number FM27C512V
Package Number VA32A
0.007[0.18]
A
S
S
F-G
0.007[0.18]
B
S
D-E
0.449-0.453
[11.40-11.51]
S
0.045
[1.143]
0.000-0.010
[0.00-0.25]
Polished Optional
0.585-0.595
[14.86-15.11]
0.549-0.553
[13.94-14.05]
-B-
-F-
-E-
-G-
0.050
21
29
30
1
4
20
14
13
5
-D-
0.007[0.18]
B
S
D-E
S
0.002[0.05]
B
S
-A-
0.485-0.495
[12.32-12.57]
0.007[0.18]
A
S
S
F-G
A
0.002[0.05] S
0.007[0.18]
H
S
S
D-E, F-G
0.010[0.25]
B A
S
D-E, F-G
0.118-0.129
[3.00-3.28]
L
B
B
45
°X
0.042-0.048
[1.07-1.22]
0.026-0.032
[0.66-0.81]
Typ
0.0100
[0.254]
0.030-0.040
[0.76-1.02]
R
0.005
[0.13]
Max
0.020
[0.51]
0.045
[1.14]
Detail A
Typical
Rotated 90
°
0.027-0.033
[0.69-0.84]
0.025
[0.64]
Min
0.025
[0.64] Min
0.031-0.037
[0.79-0.94]
0.053-0.059
[1.65-1.80]
0.006-0.012
[0.15-0.30]
0.019-0.025
[0.48-0.64]
0.065-0.071
[1.65-1.80]
0.021-0.027
[0.53-0.69]
Section B-B
Typical
;
;
S
0.007[0.18]
C
M
S
D-E, F-G
0.015[0.38]
C
D-E, F-G
0.490-0530
[12.45-13.46]
0.078-0.095
[1.98-2.41]
0.013-0.021
[0.33-0.53]
0.004[0.10]
0.123-0.140
[3.12-3.56]
See detail A
-J-
-C-
0.400
[10.16]
(
)
TYP
0.541-0.545
[13.74-13-84]
0.023-0.029
[0.58-0.74]
0.106-0.112
[2.69-2.84]
0.015
[0.38]
Base
Plane
-H-
Min Typ
S
Life Support Policy
Fairchild's products are not authorized for use as critical components in life support devices or systems without the express written
approval of the President of Fairchild Semiconductor Corporation. As used herein:
1. Life support devices or systems are devices or systems which,
(a) are intended for surgical implant into the body, or (b) support
or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a significant
injury to the user.
2. A critical component is any component of a life support device
or system whose failure to perform can be reasonably ex-
pected to cause the failure of the life support device or system,
or to affect its safety or effectiveness.
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Americas
Europe
Hong Kong
Japan Ltd.
Customer Response Center
Fax:
+44 (0) 1793-856858
8/F, Room 808, Empire Centre
4F, Natsume Bldg.
Tel. 1-888-522-5372
Deutsch
Tel:
+49 (0) 8141-6102-0
68 Mody Road, Tsimshatsui East
2-18-6, Yushima, Bunkyo-ku
English
Tel:
+44 (0) 1793-856856
Kowloon. Hong Kong
Tokyo, 113-0034 Japan
Français
Tel:
+33 (0) 1-6930-3696
Tel; +852-2722-8338
Tel: 81-3-3818-8840
Italiano
Tel:
+39 (0) 2-249111-1
Fax: +852-2722-8383
Fax: 81-3-3818-8841
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


Número de pieza similar - FM27C512VE120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM27C512VE120 FAIRCHILD-FM27C512VE120 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results

Descripción similar - FM27C512VE120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P512 NSC-NM27P512 Datasheet
176Kb / 12P
   524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com