Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54059IRTZ Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL54059IRTZ
Descripción Electrónicos  1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54059IRTZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54059IRTZ Datasheet HTML 1Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6579.0
December 19, 2008
NO x or NCx OFF Capacitance,
COFF
f = 1MHz (see Figure 7)
25
-
36
-
pF
COMx ON Capacitance,
CCOM(ON)
f = 1MHz (see Figure 7)
25
-
100
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 5.5V, VIN = 0V or V+
25
-
0.008
0.1
µA
Full
-
1.41
-
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Voltage High, VINH
Full
2.4
-
-
V
Input Current, IINH, IINL
V+ = 5.5V, VIN = 0V or V+
25
-0.1
-
0.1
µA
Full
-
0.3
-
µA
Electrical Specifications - 4.3V SupplyTest Conditions: V+ = +3.9V to +4.5V, GND = 0V, VINH = 1.6V, VINL = 0.5V (Note 9), Unless
Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11)
TYP
MAX
(Notes 10, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON
V+ = 4.3V, ICOM = 100mA, VNO or VNC = (V+ - 6.5V)
to V+, (See Figure 5)
25
-
0.65
-
Ω
Full
-
0.72
-
Ω
rON Matching Between
Channels,
Δr
ON
V+ = 4.3V, ICOM = 100mA, VNO or VNC = Voltage at
max rON, (Note 12)
25
-
10
-
m
Ω
Full
-
15
-
m
Ω
rON Flatness, RFLAT(ON)
V+ = 4.3V, ICOM = 100mA, VNO or VNC = (V+ - 6.5V)
to V+, (Note 13)
25
-
0.1
-
Ω
Full
-
0.14
-
Ω
NO or NC OFF Leakage
Current, INO(OFF) or INC(OFF)
V+ = 4.3V, VCOM = -1.2V, 4.3V, VNO or VNC = 4.3V,
-1.2V
25
-0.1
-
0.1
µA
Full
-1
-0.33
1
µA
COM ON Leakage Current,
ICOM(ON)
V
+ = 4.3V, VCOM = -1.2V, 4.3V, VNO or VNC = Float
25
-0.1
-
0.1
µA
Full
-1
-0.33
1
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 3.9V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF
(see Figure 1)
25
-
43
-
ns
Full
-
50
-
ns
Turn-OFF Time, tOFF
V+ = 3.9V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF
(see Figure 1)
25
-
23.1
-
ns
Full
-
23.2
-
ns
Break-Before-Make Time Delay,
tD
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF
(see Figure 3)
Full
-
22
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (see Figure 2)
25
-
200
-
pC
OFF-Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS
(see Figure 4)
25
-
60
-
dB
Crosstalk (Channel-to-Channel) RL = 50Ω, CL = 5pF, f = 1MHz, VCOM = 1VRMS
(see Figure 6)
25
-
-75
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 32Ω
25
-
0.04
-
%
NOx or NCx OFF Capacitance,
COFF
f = 1MHz (see Figure 7)
25
-
36
-
pF
Electrical Specifications - 5V Supply Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 9), Unless
Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11)
TYP
MAX
(Notes 10, 11) UNITS
ISL54059


Número de pieza similar - ISL54059IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
logo
Renesas Technology Corp
ISL54059IRTZ RENESAS-ISL54059IRTZ Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
ISL54059IRTZ-T INTERSIL-ISL54059IRTZ-T Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
More results

Descripción similar - ISL54059IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54060 INTERSIL-ISL54060_09 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060 INTERSIL-ISL54060 Datasheet
389Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065 INTERSIL-ISL54065 Datasheet
706Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
logo
Texas Instruments
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
logo
Pericom Semiconductor C...
PI3A288 PERICOM-PI3A288 Datasheet
553Kb / 9P
   Ultra-Low-THD Dual-SPDT Analog Switch with Negative Signal Handling Capability
logo
Intersil Corporation
ISL54065_0911 INTERSIL-ISL54065_0911 Datasheet
717Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com