Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T89C5115 Datasheet(PDF) 85 Page - ATMEL Corporation

No. de pieza T89C5115
Descripción Electrónicos  Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115 Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button T89C5115_08 Datasheet HTML 81Page - ATMEL Corporation T89C5115_08 Datasheet HTML 82Page - ATMEL Corporation T89C5115_08 Datasheet HTML 83Page - ATMEL Corporation T89C5115_08 Datasheet HTML 84Page - ATMEL Corporation T89C5115_08 Datasheet HTML 85Page - ATMEL Corporation T89C5115_08 Datasheet HTML 86Page - ATMEL Corporation T89C5115_08 Datasheet HTML 87Page - ATMEL Corporation T89C5115_08 Datasheet HTML 88Page - ATMEL Corporation T89C5115_08 Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 113 page
background image
85
AT89C5115
4128G–8051–02/08
The bits SCH0 to SCH2 in ADCON register are used for the analog input channel
selection.
Table 60. Selected Analog input
Voltage Conversion
When the ADCIN is equals to VAREF the ADC converts the signal to 3FFh (full scale). If
the input voltage equals VAGND, the ADC converts it to 000h. Input voltage between
VAREF and VAGND are a straight-line linear conversion. All other voltages will result in
3FFh if greater than VAREF and 000h if less than VAGND.
Note that ADCIN should not exceed VAREF absolute maximum range (See section
“AC-DC”).
Clock Selection
The ADC clock is the same as CPU.
The maximum clock frequency is defined in the DC parmeter for A/D converter. A pres-
caler is featured (ADCCLK) to generate the ADC clock from the oscillator frequency.
if PRS = 0 then FADC = Fperiph / 64
if PRS > 0 then FADC = Fperiph / 2 x PRS
Figure 40. A/D Converter Clock
ADC Standby Mode
When the ADC is not used, it is possible to set it in standby mode by clearing bit ADEN
in ADCON register. In this mode the power dissipation is reduced.
IT ADC management
An interrupt end-of-conversion will occurs when the bit ADEOC is activated and the bit
EADC is set. For re-arming the interrupt the bit ADEOC must be cleared by software.
SCH2
SCH1
SCH0
Selected Analog Input
0
0
0
AN0
0
0
1
AN1
0
1
0
AN2
0
1
1
AN3
1
0
0
AN4
1
0
1
AN5
1
1
0
AN6
1
1
1
AN7
Prescaler ADCLK
A/D
Converter
ADC Clock
CPU
CLOCK
CPU Core Clock Symbol
÷ 2


Número de pieza similar - T89C5115_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_03 Datasheet
343Kb / 30P
   80C51 Microcontrollers
T89C5115 ATMEL-T89C5115_06 Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
More results

Descripción similar - T89C5115_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 105P
   Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
T89C5115 ATMEL-T89C5115_06 Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com