Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T89C5115 Datasheet(PDF) 53 Page - ATMEL Corporation

No. de pieza T89C5115
Descripción Electrónicos  Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button T89C5115_08 Datasheet HTML 49Page - ATMEL Corporation T89C5115_08 Datasheet HTML 50Page - ATMEL Corporation T89C5115_08 Datasheet HTML 51Page - ATMEL Corporation T89C5115_08 Datasheet HTML 52Page - ATMEL Corporation T89C5115_08 Datasheet HTML 53Page - ATMEL Corporation T89C5115_08 Datasheet HTML 54Page - ATMEL Corporation T89C5115_08 Datasheet HTML 55Page - ATMEL Corporation T89C5115_08 Datasheet HTML 56Page - ATMEL Corporation T89C5115_08 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 113 page
background image
53
AT89C5115
4128G–8051–02/08
Table 33. SADEN Register
SADEN (S:B9h)
Slave Address Mask Register
Reset Value = 0000 0000b
Not bit addressable
Table 34. SADDR Register
SADDR (S:A9h)
Slave Address Register
Reset Value = 0000 0000b
Not bit addressable
Table 35. SBUF Register
SBUF (S:99h)
Serial Data Buffer
Reset Value = 0000 0000b
Not bit addressable
7
6
5
4
3
2
1
0
Bit
Number
Bit
Mnemonic Description
7 - 0
Mask Data for Slave Individual Address
7
6
5
4
3
2
1
0
Bit
Number
Bit
Mnemonic Description
7 - 0
Slave Individual Address
7
6
5
4
3
2
1
0
Bit
Number
Bit
Mnemonic Description
7 - 0
Data sent/received by Serial I/O Port


Número de pieza similar - T89C5115_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_03 Datasheet
343Kb / 30P
   80C51 Microcontrollers
T89C5115 ATMEL-T89C5115_06 Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
More results

Descripción similar - T89C5115_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 105P
   Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
T89C5115 ATMEL-T89C5115_06 Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com