Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T89C5115 Datasheet(PDF) 62 Page - ATMEL Corporation

No. de pieza T89C5115
Descripción Electrónicos  Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115 Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button T89C5115_08 Datasheet HTML 58Page - ATMEL Corporation T89C5115_08 Datasheet HTML 59Page - ATMEL Corporation T89C5115_08 Datasheet HTML 60Page - ATMEL Corporation T89C5115_08 Datasheet HTML 61Page - ATMEL Corporation T89C5115_08 Datasheet HTML 62Page - ATMEL Corporation T89C5115_08 Datasheet HTML 63Page - ATMEL Corporation T89C5115_08 Datasheet HTML 64Page - ATMEL Corporation T89C5115_08 Datasheet HTML 65Page - ATMEL Corporation T89C5115_08 Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 113 page
background image
62
AT89C5115
4128G–8051–02/08
Timer 2
The T89C5115 Timer 2 is compatible with Timer 2 in the 80C52.
It is a 16-bit timer/counter: the count is maintained by two eightbit timer registers, TH2
and TL2 that are cascade-connected. It is controlled by T2CON register (See Table 44)
and T2MOD register (See Table 45). Timer 2 operation is similar to Timer 0 and Timer
1. C/T2 selects FT2 clock/6 (timer operation) or external pin T2 (counter operation) as
timer clock. Setting TR2 allows TL2 to be incremented by the selected input.
Timer 2 includes the following enhancements:
Auto-reload mode (up or down counter)
Programmable clock-output
Auto-Reload Mode
The auto-reload mode configures Timer 2 as a 16-bit timer or event counter with auto-
matic reload. This feature is controlled by the DCEN bit in T2MOD register (See Table
44). Setting the DCEN bit enables Timer 2 to count up or down as shown in Figure 29. In
this mode the T2EX pin controls the counting direction.
When T2EX is high, Timer 2 counts up. Timer overflow occurs at FFFFh which sets the
TF2 flag and generates an interrupt request. The overflow also causes the 16-bit value
in RCAP2H and RCAP2L registers to be loaded into the timer registers TH2 and TL2.
When T2EX is low, Timer 2 counts down. Timer underflow occurs when the count in the
timer registers TH2 and TL2 equals the value stored in RCAP2H and RCAP2L registers.
The underflow sets TF2 flag and reloads FFFFh into the timer registers.
The EXF2 bit toggles when Timer 2 overflow or underflow, depending on the direction of
the count. EXF2 does not generate an interrupt. This bit can be used to provide 17-bit
resolution.
Figure 29. Auto-Reload Mode Up/Down Counter
(DOWN COUNTING RELOAD VALUE)
TF2
T2
EXF2
TH2
(8-bit)
TL2
(8-bit)
RCAP2H
(8-bit)
RCAP2L
(8-bit)
FFh
(8-bit)
FFh
(8-bit)
TOGGLE
(UP COUNTING RELOAD VALUE)
TIMER 2
INTERRUPT
:6
T2CON Reg
T2CON Reg
T2EX:
1=UP
2=DOWN
0
1
CT/2
T2CON.1
TR2
T2CON.2
FT2
CLOCK
See section “Clock”


Número de pieza similar - T89C5115_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_03 Datasheet
343Kb / 30P
   80C51 Microcontrollers
T89C5115 ATMEL-T89C5115_06 Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
More results

Descripción similar - T89C5115_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 105P
   Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
T89C5115 ATMEL-T89C5115_06 Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com