Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54220 Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza ISL54220
Descripción Electrónicos  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54220 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54220 Datasheet HTML 1Page - Intersil Corporation ISL54220 Datasheet HTML 2Page - Intersil Corporation ISL54220 Datasheet HTML 3Page - Intersil Corporation ISL54220 Datasheet HTML 4Page - Intersil Corporation ISL54220 Datasheet HTML 5Page - Intersil Corporation ISL54220 Datasheet HTML 6Page - Intersil Corporation ISL54220 Datasheet HTML 7Page - Intersil Corporation ISL54220 Datasheet HTML 8Page - Intersil Corporation ISL54220 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6819.1
February 4, 2010
Pin Configurations
ISL54220
(10 LD 3.0X3.0 TDFN)
TOP VIEW
ISL54220
(10 LD MSOP)
TOP VIEW
ISL54220
(10 LD 1.8X1.4 µTQFN)
TOP VIEW
NOTE:
1. Switches Shown for SEL = Logic “1” and OE = Logic “0”.
SEL
HSD1+
D+
HSD2+
HSD1-
GND
1
2
3
4
5
10
9
8
7
6 D-
HSD2-
VDD
OE
LOGIC
CONTROL
PD
SEL
HSD1+
D+
HSD2+
HSD1-
GND
1
2
3
4
5
10
9
8
7
6 D-
HSD2-
VDD
OE
LOGIC
CONTROL
8
10
D-
OE
D+
VDD 9
7
2
3
4
GND
HSD1+ HSD2+
5
SEL
1
6
HSD1- HSD2-
Truth Table
OE
SEL
HSD1-, HSD1+
HSD2-, HSD2+
0
0
ON
OFF
01
OFF
ON
1X
OFF
OFF
Logic “0” when ≤ 0.5V, Logic “1” when ≥ 1.4V with a 2.7V to
3.6V Supply.
Pin Descriptions
TDFN
MSOP µTQFN NAME
FUNCTION
10
10
9
VDD
Power Supply (2.7V to
5.5V)
1
1
10
SEL
Select Logic Control
Input
2
2
1
HSD1+ USB Data Port (Channel
1 Positive Input)
3
3
2
HSD2+ USB Data Port (Channel
2 Positive Input)
4
4
3
D+
USB Data Common
Positive Port
5
5
4
GND
Ground Connection
6
6
5
D-
USB Data Common
Negative Port
7
7
6
HSD2- USB Data Port (Channel
2 Negative Input)
8
8
7
HSD1- USB Data Port (Channel
1 Negative Input)
99
8
OE
Bus Switch Enable
PD
-
-
PD
Thermal Pad. Tie to
Ground or Float
ISL54220


Número de pieza similar - ISL54220

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54220IRTZ INTERSIL-ISL54220IRTZ Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
logo
Renesas Technology Corp
ISL54220IRTZ RENESAS-ISL54220IRTZ Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

Descripción similar - ISL54220

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com