Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3613 Datasheet(PDF) 1 Page - Semtech Corporation

No. de pieza 1N3613
Descripción Electrónicos  Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N3613 Datasheet(HTML) 1 Page - Semtech Corporation

  1N3613 Datasheet HTML 1Page - Semtech Corporation 1N3613 Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER DISCRETES
1
www.semtech.com
1N3611, 1N3612, 1N3613,
1N3614, 1N3957
Axial Leaded Hermetically Sealed
Standard Recovery Rectifier Diode
Features
Revision: June 19, 2006
Quick reference data
V
R = 200 - 1000 V
IO = 1.0A
t
rr = 2µS
V
F
= 1.1V
Low reverse leakage current
Hermetically sealed in Metoxilite fused metal oxide
Good thermal shock resistance
Low forward voltage drop
Avalanche capability
Electrical Specifications
Electrical specifications @ T
A = 25°C unless otherwise specified.
s
e
p
y
TV
M
W
R
V
F
I
O
I
M
S
F
I
R
T
R
R
T
G
T
S
T
d
n
a
J
R
θθθθθ L
J
5
7
3
.
=
L
h
c
n
i
)
m
m
3
5
.
9
(
T
:t
A
J =
C
°
5
2
I
O
A
1
=
T
:t
A
A =
C
°
0
0
1
+
)
2
(
)
1
(
T
:t
A
A =
C
°
0
5
1
+
)
2
(
)
1
(
T
A
C
°
5
2
+
=
I
O
c
d
A
1
=
t
p
s
m
0
.
8
=
V
,
M
W
R
T
J
C
°
5
2
=
I
A
5
.
0
O o
t
I
A
0
.
1
M
R
o
t
r
e
v
o
c
e
r
I
A
5
2
.
0
M
R
)
C
E
R
(
)
k
p
(
VV
c
d
Ac
d
A
m)
k
p
(
AA
µS
µC
°W
/
C
°
1
1
6
3
N
10
0
21
.
11
0
0
30
35
.
02
5
7
1
+
o
t
5
6
-8
3
2
1
6
3
N
10
0
41
.
11
0
0
30
35
.
02
5
7
1
+
o
t
5
6
-8
3
3
1
6
3
N
10
0
61
.
11
0
0
30
35
.
02
5
7
1
+
o
t
5
6
-8
3
4
1
6
3
N
10
0
81
.
11
0
0
30
35
.
02
5
7
1
+
o
t
5
6
-8
3
7
5
9
3
N
10
0
0
11
.
11
0
0
30
35
.
02
5
7
1
+
o
t
5
6
-8
3
Description
These products can be supplied as JANTX levels.
Notes:
(1) From I
O rating is independent of heat sinking, special mounting, or leads of the device.
(2) Derate linearly at 13.3mA between T
A = +100°C and TA =
+175°C


Número de pieza similar - 1N3613

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N3613 MICROSEMI-1N3613 Datasheet
52Kb / 2P
   MILITARY RECTIFIERS
1N3613 MICROSEMI-1N3613 Datasheet
64Kb / 2P
   MILITARY RECTIFIERS
logo
Sensitron
1N3613 SENSITRON-1N3613 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
logo
EIC discrete Semiconduc...
1N3613 EIC-1N3613 Datasheet
82Kb / 1P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
Central Semiconductor C...
1N3613 CENTRAL-1N3613 Datasheet
112Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE SILICON RECTIFIERS 1.0 AMP, 200 THRU 1000 VOLTS
More results

Descripción similar - 1N3613

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N5550 SEMTECH-1N5550_08 Datasheet
159Kb / 4P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
PM6 SEMTECH-PM6 Datasheet
99Kb / 3P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
3PM2 SEMTECH-3PM2 Datasheet
127Kb / 3P
   AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
logo
New Jersey Semi-Conduct...
3SM2 NJSEMI-3SM2 Datasheet
74Kb / 2P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
Semtech Corporation
1N5550 SEMTECH-1N5550 Datasheet
159Kb / 4P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
2PFF6 SEMTECH-2PFF6 Datasheet
108Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFRO SEMTECH-PFRO Datasheet
111Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF2 SEMTECH-PFF2 Datasheet
148Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
2PFF8 SEMTECH-2PFF8 Datasheet
115Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF8 SEMTECH-PFF8 Datasheet
107Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com