Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N6139US Datasheet(PDF) 3 Page - Semtech Corporation

No. de pieza 1N6139US
Descripción Electrónicos  1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N6139US Datasheet(HTML) 3 Page - Semtech Corporation

  1N6139US Datasheet HTML 1Page - Semtech Corporation 1N6139US Datasheet HTML 2Page - Semtech Corporation 1N6139US Datasheet HTML 3Page - Semtech Corporation 1N6139US Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
 2006 Semtech Corp.
www.semtech.com
POWER DISCRETES
1N6138US thru 1N6173US
1N6139AUS thru 1N6173AUS
e
c
i
v
e
D
e
p
y
T
m
u
m
i
n
i
M
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
V
)
R
B
(
I
@
)
R
B
(
t
s
e
T
t
n
e
r
r
u
C
I
)
R
B
(
g
n
i
k
r
o
W
e
s
r
e
v
e
R
.
k
P
e
g
a
t
l
o
V
V
M
W
R
m
u
m
i
x
a
M
e
s
r
e
v
e
R
t
n
e
r
r
u
C
I
1
R
m
u
m
i
x
a
M
g
n
i
p
m
a
l
C
e
g
a
t
l
o
V
V
C
I
@
P
m
u
m
i
x
a
M
e
s
l
u
P
.
k
P
I
t
n
e
r
r
u
C
P
T
P
S
m
1
=
.
p
m
e
T
f
o
.
f
f
e
o
C
V
)
R
B
(
ααααα
)
Z
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
R
t
n
e
r
r
u
C
I
2
R
C
°
0
5
1
@
s
tl
o
VA
ms
tl
o
VA
µs
tl
o
Vs
p
m
AC
°
/
%A
µ
1
6
1
6
N
18
.
5
50
21
.
7
45
3
.
9
88
.
6
11
.
00
0
4
A
1
6
1
6
N
19
.
8
50
21
.
7
45
3
.
5
86
.
7
11
.
00
0
4
2
6
1
6
N
12
.
1
60
27
.
1
55
0
.
8
93
.
5
11
.
00
0
4
A
2
6
1
6
N
16
.
4
60
27
.
1
55
1
.
7
94
.
5
11
.
00
0
4
3
6
1
6
N
15
.
7
60
20
.
6
55
1
.
8
0
19
.
3
11
.
00
0
4
A
3
6
1
6
N
13
.
1
70
20
.
6
55
1
.
3
0
15
.
4
11
.
00
0
4
4
6
1
6
N
18
.
3
75
12
.
2
65
2
.
8
1
17
.
2
11
.
00
0
4
A
4
6
1
6
N
19
.
7
75
12
.
2
65
8
.
2
1
13
.
3
11
.
00
0
4
5
6
1
6
N
19
.
1
85
12
.
9
65
1
.
1
3
14
.
1
11
.
00
0
4
A
5
6
1
6
N
15
.
6
85
12
.
9
65
1
.
5
2
10
.
2
11
.
00
0
4
6
6
1
6
N
10
.
0
92
10
.
6
75
1
.
4
4
14
.
0
11
.
00
0
4
A
6
6
1
6
N
10
.
5
92
10
.
6
75
6
.
7
3
19
.
0
11
.
00
0
4
7
6
1
6
N
10
.
9
92
16
.
3
85
5
.
8
5
15
.
91
.
00
0
4
A
7
6
1
6
N
15
.
4
0
12
16
.
3
85
3
.
1
5
19
.
91
.
00
0
4
8
6
1
6
N
10
.
8
0
10
12
.
1
95
9
.
2
7
17
.
81
.
00
0
4
A
8
6
1
6
N
10
.
4
1
10
12
.
1
95
1
.
5
6
11
.
91
.
00
0
4
9
6
1
6
N
10
.
7
1
10
18
.
8
95
3
.
7
8
10
.
85
0
1
.
00
0
4
A
9
6
1
6
N
15
.
3
2
10
18
.
8
95
8
.
8
7
14
.
85
0
1
.
00
0
4
0
7
1
6
N
10
.
5
3
18
0
.
4
1
15
2
.
6
1
29
.
65
0
1
.
00
0
4
A
0
7
1
6
N
15
.
2
4
18
0
.
4
1
15
3
.
6
0
23
.
75
0
1
.
00
0
4
1
7
1
6
N
14
4
18
6
.
1
2
15
8
.
8
2
26
.
65
0
1
.
00
0
4
A
1
7
1
6
N
12
5
18
6
.
1
2
15
4
.
8
1
29
.
65
0
1
.
00
0
4
2
7
1
6
N
12
6
15
8
.
6
3
15
4
.
7
5
28
.
51
1
.
00
0
4
A
2
7
1
6
N
11
7
15
8
.
6
3
15
7
.
5
4
21
.
61
1
.
00
0
4
3
7
1
6
N
10
8
15
0
.
2
5
15
0
.
6
8
22
.
51
1
.
00
0
4
A
3
7
1
6
N
10
9
15
0
.
2
5
15
0
.
3
7
25
.
51
1
.
00
0
4
Electrical Specifications
Electrical specifications @ T
A = 25°C unless otherwise specified.


Número de pieza similar - 1N6139US

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N6139 SEMTECH-1N6139 Datasheet
111Kb / 3P
   1500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
Microsemi Corporation
1N6139 MICROSEMI-1N6139 Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6139 MICROSEMI-1N6139 Datasheet
108Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Semtech Corporation
1N6139 SEMTECH-1N6139 Datasheet
133Kb / 5P
   1500W Bipolar Transient Voltage Suppressors
1N6139 SEMTECH-1N6139 Datasheet
94Kb / 5P
   1500W Bipolar Transient Voltage Suppressors
More results

Descripción similar - 1N6139US

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N6138US SEMTECH-1N6138US_10 Datasheet
47Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6102US SEMTECH-1N6102US Datasheet
118Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6102US SEMTECH-1N6102US_10 Datasheet
47Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com