Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC04-6 Datasheet(PDF) 3 Page - Semtech Corporation

No. de pieza LC04-6
Descripción Electrónicos  Dual Low Capacitance TVS Array for Telecom Linecard Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC04-6 Datasheet(HTML) 3 Page - Semtech Corporation

  LC04-6_05 Datasheet HTML 1Page - Semtech Corporation LC04-6_05 Datasheet HTML 2Page - Semtech Corporation LC04-6_05 Datasheet HTML 3Page - Semtech Corporation LC04-6_05 Datasheet HTML 4Page - Semtech Corporation LC04-6_05 Datasheet HTML 5Page - Semtech Corporation LC04-6_05 Datasheet HTML 6Page - Semtech Corporation LC04-6_05 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
 2005 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
LC04-6
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
Clamping Voltage vs. Peak Pulse Current
Pulse Waveform
Capacitance vs. Reverse Voltage
0
2
4
6
8
10
12
14
0
1020
304050
60
7080
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 10µs
td = 1000µs
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (µs)
e
-t
td = IPP/2
Waveform
Parameter
tr = 8µs
td = 20µs
1
10
100
0.1
1
10
100
1000
Pulse Duration - tp (µs)
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
0
2
4
6
8
10
12
14
01
23
45
67
Reverse Voltage - VR (V)
f=1MHz
Clamping Voltage vs. Peak Pulse Current
0
5
10
15
20
25
0
20
40
60
80
100
120
140
160
180
200
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 8µs
td = 20µs


Número de pieza similar - LC04-6_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
LC04-6TB SEMTECH-LC04-6TB Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
LC04-6TE SEMTECH-LC04-6TE Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
More results

Descripción similar - LC04-6_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
LC04-6 SEMTECH-LC04-6 Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
LC04-12 SEMTECH-LC04-12 Datasheet
201Kb / 8P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications
LC05-6 SEMTECH-LC05-6_03 Datasheet
104Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications
LC05-6 SEMTECH-LC05-6 Datasheet
180Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications?
TCLAMP3302N SEMTECH-TCLAMP3302N Datasheet
243Kb / 9P
   Low Capacitance TVS for Ethernet and Telecom Interfaces
TCLAMP0602N SEMTECH-TCLAMP0602N Datasheet
181Kb / 7P
   Low Capacitance TVS for Ethernet and Telecom Interfaces
TCLAMP2502N SEMTECH-TCLAMP2502N Datasheet
192Kb / 8P
   Low Capacitance TVS for Ethernet and Telecom Interfaces
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com