Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMS12C.TCT Datasheet(PDF) 6 Page - Semtech Corporation

No. de pieza SMS12C.TCT
Descripción Electrónicos  TVS Diode Array For ESD and Latch-Up Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMS12C.TCT Datasheet(HTML) 6 Page - Semtech Corporation

  SMS12C.TCT Datasheet HTML 1Page - Semtech Corporation SMS12C.TCT Datasheet HTML 2Page - Semtech Corporation SMS12C.TCT Datasheet HTML 3Page - Semtech Corporation SMS12C.TCT Datasheet HTML 4Page - Semtech Corporation SMS12C.TCT Datasheet HTML 5Page - Semtech Corporation SMS12C.TCT Datasheet HTML 6Page - Semtech Corporation SMS12C.TCT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SMS05C through SMS24C
Outline Drawing - SO-8
Land Pattern
Outline Drawing
.110 BSC
.037 BSC
DETAIL
aaa C
SEATING
ccc C
2X N/2 TIPS
2X E/2
6
SEE DETAIL
A1
A
A2
bxN
A
.008
12
N
E
.060
.114
.063
.118
.010
-
6
A
0.20
1.60
3.00
2.80 BSC
0.95 BSC
.069
1.50
2.90
.020
0.25
1.75
0.50
-
EI
L
(L1)
c
01
0.25
PLANE
GAGE
H
2.80
.110
bbb
C A-B D
.008
-
.004
.012
.003
(.024)
.018
-
.035
.000
.035
-
-
.045
0.10
0.20
10°
-
10°
1.15
(0.60)
0.45
.024
.009
0.30
0.08
.057
.051
.006
0.00
.90
0.90
0.22
0.60
-
0.15
1.45
1.30
-
-
1.90 BSC
.075 BSC
A
e1
D
e
B
C
H
NOM
INCHES
DIMENSIONS
L1
aaa
bbb
ccc
01
N
DIM
c
e
e1
L
E1
E
D
A1
A2
b
A
MIN
MILLIMETERS
MAX MIN NOM MAX
PLANE
D
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
NOTES:
1.
2.
-A-
-B-
-H-
SIDE VIEW
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
.043
.141
.055
(.098)
.037
.024
1.40
(2.50)
0.95
0.60
1.10
3.60
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
P
(C)
Z
Y
G
X


Número de pieza similar - SMS12C.TCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
SMS12C SEMTECH-SMS12C Datasheet
164Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
logo
Microsemi Corporation
SMS12C MICROSEMI-SMS12C Datasheet
186Kb / 2P
   4 LINE BIDIRECTIONAL TVSarray
logo
ON Semiconductor
SMS12C ONSEMI-SMS12C Datasheet
112Kb / 6P
   5-Line Transient Voltage Suppressor Array
February, 2005 ??Rev. 5
logo
Protek Devices
SMS12C PROTEC-SMS12C Datasheet
707Kb / 8P
   MULTI-LINE TVS ARRAY
SMS12C PROTEC-SMS12C Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
More results

Descripción similar - SMS12C.TCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05 Datasheet
160Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection?
SMS05 SEMTECH-SMS05 Datasheet
161Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
SMS05C SEMTECH-SMS05C Datasheet
164Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
SMF05C SEMTECH-SMF05C Datasheet
151Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
SMF05C SEMTECH-SMF05C_04 Datasheet
153Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com