Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LM3431AMH Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de Pieza. LM3431AMH
Descripción  3-Channel Constant Current LED Driver with Integrated Boost Controller
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

LM3431AMH Datasheet(HTML) 1 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
January 8, 2008
LM3431/LM3431A
3-Channel Constant Current LED Driver with Integrated
Boost Controller
General Description
The LM3431 is a 3-channel linear current controller combined
with a boost switching controller ideal for driving LED back-
light panels in space critical applications. The LM3431 drives
3 external NPN transistors or MOSFETs to deliver high ac-
curacy constant current to 3 LED strings. Output current is
adjustable to drive strings in excess of 200 mA. The LM3431
can be expanded to drive as many as 6 LED strings.
The boost controller drives an external NFET switch for step-
up regulation from input voltages between 5V and 36V. The
LM3431 features LED cathode feedback to minimize regula-
tor headroom and optimize efficiency.
A DIM input pin controls LED brightness from analog or digital
control signals. Dimming frequencies up to 25 kHz are pos-
sible with a contrast ratio of 100:1. Contrast ratios greater than
1000:1 are possible at lower dimming frequencies.
The LM3431 eliminates audible noise problems by maintain-
ing constant output voltage regulation during LED dimming.
Additional features include LED short and open protection,
fault delay/error flag, cycle by cycle current limit, and thermal
shutdown for both the IC and LED array. The enhanced
LM3431A features reduced offset voltge for higher accuracy
LED current.
Features
3-channel programmable LED current
High accuracy linear current regulation
Analog and digital PWM dimming control
Up to 25kHz dimming frequency
>100:1 contrast ratio
Integrated Boost controller
5V-36V input voltage range
Adjustable switching frequency up to 1MHz
LED short and open protection
Selectable fault shutdown or automatic restart
Programmable fault delay
Programmable cycle by cycle current limit
Output Over Voltage Protection
No Audible Noise
Enable pin
LED Over-Temperature shutdown input
Thermal Shutdown
TSSOP-28 exposed pad package
Applications
Automotive Infotainment Displays
Small to Medium Format Displays
Typical Application Circuit
30041101
© 2008 National Semiconductor Corporation
300411
www.national.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn