Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC5311 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC5311
Descripción Electrónicos  1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC5311 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC5311 Datasheet HTML 3Page - Texas Instruments DAC5311 Datasheet HTML 4Page - Texas Instruments DAC5311 Datasheet HTML 5Page - Texas Instruments DAC5311 Datasheet HTML 6Page - Texas Instruments DAC5311 Datasheet HTML 7Page - Texas Instruments DAC5311 Datasheet HTML 8Page - Texas Instruments DAC5311 Datasheet HTML 9Page - Texas Instruments DAC5311 Datasheet HTML 10Page - Texas Instruments DAC5311 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
TYPICAL CHARACTERISTICS: AVDD = +5V
0.50
0.25
0
-0.25
-0.50
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
0.2
0.1
0
-0.1
-0.2
AV
=5V
DD
0.10
0.05
0
-0.05
-0.10
0
128
256
384
512
DigitalInputCode
640
768
896
1024
0.06
0.03
0
-0.03
-0.06
AV
DD =5V
0.50
0.25
0
-0.25
-0.50
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
0.2
0.1
0
-0.1
-0.2
AV
=5V
DD
0.10
0.05
0
-0.05
-0.10
0
128
256
384
512
DigitalInputCode
640
768
896
1024
0.06
0.03
0
-0.03
-0.06
AV
=5V
DD
0.50
0.25
0
-0.25
-0.50
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
0.2
0.1
0
-0.1
-0.2
AV
=5V
DD
0.10
0.05
0
-0.05
-0.10
0
128
256
384
512
DigitalInputCode
640
768
896
1024
0.06
0.03
0
-0.03
-0.06
AV
=5V
DD
DAC5311
DAC6311
DAC7311
www.ti.com ................................................................................................................................................................................................ SBAS442 – AUGUST 2008
At TA = +25°C, AVDD = +5V, and DAC loaded with midscale code, unless otherwise noted.
DAC7311 12-BIT LINEARITY ERROR AND
DAC6311 10-BIT LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE (–40°C)
DIFFERENTIAL LINEARITY ERROR vs CODE (–40°C)
Figure 1.
Figure 2.
DAC7311 12-BIT LINEARITY ERROR AND
DAC6311 10-BIT LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE (+25°C)
DIFFERENTIAL LINEARITY ERROR vs CODE (+25°C)
Figure 3.
Figure 4.
DAC7311 12-BIT LINEARITY ERROR AND
DAC6311 10-BIT LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE (+125°C)
DIFFERENTIAL LINEARITY ERROR vs CODE (+125°C)
Figure 5.
Figure 6.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC5311 DAC6311 DAC7311


Número de pieza similar - DAC5311

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5311 TI-DAC5311 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311-Q1 TI-DAC5311-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   1.8 V to 5.5 V, 80 mA, 8 BIT, LOW POWER, SINGLE CHANNEL, DIGITAL-TO-ANALOG CONVERTER
DAC5311IDCKR TI-DAC5311IDCKR Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC5311IDCKR TI1-DAC5311IDCKR Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
More results

Descripción similar - DAC5311

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311_08 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI-DAC5311 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC5311 TI1-DAC5311_15 Datasheet
2Mb / 39P
[Old version datasheet]   12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
logo
Analog Devices
AD9114 AD-AD9114 Datasheet
2Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
DATEL, Inc.
DAC-HF DATEL-DAC-HF Datasheet
200Kb / 5P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
uPI Group Inc.
US5587 UPI-US5587 Datasheet
245Kb / 9P
   Low-Power, 8-bit Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com