Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDM-08060-B1F Datasheet(PDF) 5 Page - SIRENZA MICRODEVICES

No. de pieza SDM-08060-B1F
Descripción Electrónicos  869-894 MHz Class AB 65W Power Amplifier Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIRENZA [SIRENZA MICRODEVICES]
Página de inicio  
Logo SIRENZA - SIRENZA MICRODEVICES

SDM-08060-B1F Datasheet(HTML) 5 Page - SIRENZA MICRODEVICES

  SDM-08060-B1F Datasheet HTML 1Page - SIRENZA MICRODEVICES SDM-08060-B1F Datasheet HTML 2Page - SIRENZA MICRODEVICES SDM-08060-B1F Datasheet HTML 3Page - SIRENZA MICRODEVICES SDM-08060-B1F Datasheet HTML 4Page - SIRENZA MICRODEVICES SDM-08060-B1F Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
5
EDS-104208 Rev F
SDM-08060-B1F 869-894 MHz 65W Power Amp Module
Package Outline Drawing
Note:
Refer to Application note AN054, “Detailed Installation Instructions for Power Modules” for detailed mounting information.


Número de pieza similar - SDM-08060-B1F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SIRENZA MICRODEVICES
SDM-08060 SIRENZA-SDM-08060 Datasheet
88Kb / 3P
   869-894 MHz Class AB 60W Power Amplifier Module
More results

Descripción similar - SDM-08060-B1F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SIRENZA MICRODEVICES
XD010-12S-D4F SIRENZA-XD010-12S-D4F Datasheet
224Kb / 6P
   869-894 MHz Class AB 15W Power Amplifier Module
SDM-08120 SIRENZA-SDM-08120 Datasheet
89Kb / 5P
   869-894 MHz Class AB 130W Power Amplifier Module
SDM-08060 SIRENZA-SDM-08060 Datasheet
88Kb / 3P
   869-894 MHz Class AB 60W Power Amplifier Module
logo
List of Unclassifed Man...
QPP-003 ETC1-QPP-003 Datasheet
43Kb / 2P
   60W, 869-894 MHz Class AB Power Stage
logo
SIRENZA MICRODEVICES
XD010-42S-D4F SIRENZA-XD010-42S-D4F Datasheet
213Kb / 5P
   869-894 MHz Class A 8 W Power Amplifier Module
XD010-42S-D4F SIRENZA-XD010-42S-D4F_1 Datasheet
144Kb / 5P
   869-894 MHz Class A 8W power module
SDM-09060-B1F SIRENZA-SDM-09060-B1F_1 Datasheet
117Kb / 5P
   925-960 MHz Class AB 65W Power Amplifier Module
SDM-09060-B1F SIRENZA-SDM-09060-B1F Datasheet
226Kb / 5P
   925-960 MHz Class AB 65W Power Amplifier Module
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B501T WALSIN-RFBPF1109B501T Datasheet
607Kb / 7P
   869 ~ 894 MHz Band Working Frequency
SF11090881B506T WALSIN-SF11090881B506T Datasheet
709Kb / 8P
   869~894 MHz Band Working Frequency
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com