Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VNQ05XSP16 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza VNQ05XSP16
Descripción Electrónicos  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ05XSP16 Datasheet(HTML) 1 Page - STMicroelectronics

  VNQ05XSP16 Datasheet HTML 1Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 2Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 3Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 4Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 5Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 6Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 7Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 8Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
March 2003
1/17
®
VNQ05XSP16
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
s
OUTPUT CURRENT (CONTINUOUS): 5A
s
CMOS COMPATIBLE INPUTS
s
MULTIPLEXED PROPORTIONAL LOAD
CURRENT SENSE
s
UNDERVOLTAGE & OVERVOLTAGE
SHUT- DOWN
s
OVERVOLTAGE CLAMP
s
THERMAL SHUT DOWN
s
CURRENT LIMITATION
s
VERY LOW STAND-BY POWER DISSIPATION
s
PROTECTION AGAINST:
n LOSS OF GROUND & LOSS OF VCC
s
REVERSE BATTERY PROTECTION (**)
DESCRIPTION
The
VNQ05XSP16
is
a
monolithic
device
designed in STMicroelectronics VIPower M0-3
Technology. It is intended for driving any type of
multiple loads with one side connected to ground.
Active VCC pin voltage clamp protects the device
against low energy spikes (see ISO7637 transient
compatibility
table).
This
device
has
four
independent channels and one multiplexed analog
sense output which deliver a current proportional
to the selected output current. SenseEnable pin
allows to connect any number of VNQ05XSP16 on
the same Current Sense line. Active current
limitation combined with thermal shut-down and
automatic restart protect the device against
overload. Device automatically turns off in case of
ground pin disconnection.
TYPE
RON(*)
IOUT
VCC
VNQ05XSP16
110m
5A (*)
36 V
ABSOLUTE MAXIMUM RATING
(**) See application schematic at page 9
Symbol
Parameter
Value
Unit
VCC
Supply voltage (continuous)
41
V
-VCC
Reverse supply voltage (continuous)
-0.3
V
IOUT
Output current (continuous), for each channel
Internally limited
A
IR
Reverse output current (continuous), for each channel
-5
A
IIN
Input current (IN1,IN2,IN3,IN4,SELA,SELB,SENSENABLE)
+/- 10
mA
VCSENSE
Current sense maximum voltage
-3
+15
V
V
IGND
Ground current at Tcase<25°C (continuous)
-200
mA
VESD
Electrostatic Discharge (Human Body Model: R=1.5
Ω; C=100pF)
- INPUT
- CURRENT SENSE
- OUTPUT
- VCC
4000
2000
5000
5000
V
V
V
V
Ptot
Power dissipation at Tcase=25°C
78
W
EMAX
Maximum Switching Energy
(L=1.72mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=7.5A)
76
mJ
Tj
Junction operating temperature
Internally limited
°C
Tc
Case Operating Temperature
- 40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
ORDER CODES
PACKAGE
TUBE
T&R
PowerSO-16™ VNQ05XSP16 VNQ05XSP1613TR
PowerSO-16TM
(*) Per each channel


Número de pieza similar - VNQ05XSP16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
VNQ05XSP16TR-E STMICROELECTRONICS-VNQ05XSP16TR-E Datasheet
255Kb / 17P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
More results

Descripción similar - VNQ05XSP16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
VNQ660SP STMICROELECTRONICS-VNQ660SP Datasheet
237Kb / 16P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600 STMICROELECTRONICS-VNQ600 Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ660SPTR-E STMICROELECTRONICS-VNQ660SPTR-E Datasheet
408Kb / 26P
   Quad channel high side solid state relay
VNQ660SP-E STMICROELECTRONICS-VNQ660SP-E Datasheet
408Kb / 26P
   Quad channel high side solid state relay
VNQ600AP STMICROELECTRONICS-VNQ600AP Datasheet
234Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600A-1 STMICROELECTRONICS-VNQ600A-1 Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ690SP STMICROELECTRONICS-VNQ690SP Datasheet
188Kb / 19P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
July 2004 Rev. 1
VNQ660SP STMICROELECTRONICS-VNQ660SP Datasheet
412Kb / 26P
   Quad channel high side solid state relay
VNQ690SP13TR STMICROELECTRONICS-VNQ690SP13TR Datasheet
404Kb / 26P
   Quad channel high side solid state relay
VNQ05XSP16TR-E STMICROELECTRONICS-VNQ05XSP16TR-E Datasheet
255Kb / 17P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600A STMICROELECTRONICS-VNQ600A Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com