Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72T371N4B1 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza ST72T371N4B1
Descripción Electrónicos  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72T371N4B1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST72T371N4B1 Datasheet HTML 4Page - STMicroelectronics ST72T371N4B1 Datasheet HTML 5Page - STMicroelectronics ST72T371N4B1 Datasheet HTML 6Page - STMicroelectronics ST72T371N4B1 Datasheet HTML 7Page - STMicroelectronics ST72T371N4B1 Datasheet HTML 8Page - STMicroelectronics ST72T371N4B1 Datasheet HTML 9Page - STMicroelectronics ST72T371N4B1 Datasheet HTML 10Page - STMicroelectronics ST72T371N4B1 Datasheet HTML 11Page - STMicroelectronics ST72T371N4B1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
8/94
ST72371/ST72372
Note: S= Supply
13
PB1/AIN1
I/O
Port B1 or ADC analog input 1
14
PB0/AIN0
I/O
Port B0 or ADC analog input 0
15
ICAP1
I
Timer Input Capture 1
Not for general purpose I/O
16
PD6
I/O
Port D6
17
PD5
I/O
Port D5
External Interrupt: EI0
18
PD4
I/O
Port D4
External Interrupt: EI1
19
PD3
I/O
Port D3
External Interrupt: EI2
20
PD2
I/O
Port D2
21
PD1
I/O
Port D1
22
PD0
I/O
Port D0
23
VSS
S
Ground
24
ICAP2
I
Timer Input Capture 2 with 256 prescaler
Not for general purpose I/O
25
VDD
S
Main power supply
26
PC0/OCMP
I/O
Port C0 or Timer Output Compare
27
PC2
I/O
Port C2
External Interrupt: EI4
28
PC3
I/O
Port C3
29
PC4/SCLI
I/O
Port C4 or I2C Serial Clock
30
PC5/SDAI
I/O
Port C5 or I2C Serial Data
31
PC6
I/O
Port C6, High Sink
32
OSCOUT
O
Input/Output Oscillator pin. These pins connect a parallel-resonant crystal, or an external
source to the on-chip oscillator.
33
OSCIN
I
34
PA7
I/O
Port A7, High Sink
35
PA6
I/O
Port A6, High Sink
36
PA5
I/O
Port A5, High Sink
37
PA4
I/O
Port A4, High Sink
38
PA3
I/O
Port A3, High Sink
39
PA1
I/O
Port A1, High Sink
40
RESET
I/O
Bidirectional. Active low signal. Top priority non
maskable interrupt.
Can be used to reset external periph-
erals.
41
TEST/VPP
S
Test mode pin or EPROM programming voltage.
In EPROM devices acts as programming voltage
input VPP.
This pin should be tied low in user
mode
42
DA0
O
12-bit DAC (PWM output)
For analog controls, after external
filtering
Pin
Pin Name
Type
Description
Remarks
8


Número de pieza similar - ST72T371N4B1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72T37X STMICROELECTRONICS-ST72T37X Datasheet
66Kb / 4P
   REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
February 2000
More results

Descripción similar - ST72T371N4B1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
   8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E311 STMICROELECTRONICS-ST72E311 Datasheet
660Kb / 100P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST72E331 STMICROELECTRONICS-ST72E331 Datasheet
1Mb / 107P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST52T301 STMICROELECTRONICS-ST52T301 Datasheet
497Kb / 100P
   8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
logo
NXP Semiconductors
87C524 PHILIPS-87C524 Datasheet
186Kb / 26P
   80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
logo
STMicroelectronics
ST90E27 STMICROELECTRONICS-ST90E27 Datasheet
977Kb / 22P
   16K EPROM HCMOS MCUS WITH RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com