Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM57A1295N Datasheet(PDF) 1 Page - Frontier Electronics.

No. de pieza KM57A1295N
Descripción Electrónicos  5mm Adjustable shielded IFT Coil
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

KM57A1295N Datasheet(HTML) 1 Page - Frontier Electronics.

  KM57A1295N Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5mm Adjustable RF Coil P/N K57A/51A series Rev. A
Jan. 10, 2006 Page 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
5mm Adjustable shielded IFT Coil—P/N KM57A / 51A series
A. Mechanical Drawing:
B.
Electrical Specification:
Part No.
L (uH) Nom.
Test Freq. (MHz)
Q Min.
KM57A1287N
1.0
± 5%
7.96
55
KM57A1288N
1.2
± 5%
7.96
55
KM57A1289N
1.5
± 5%
7.96
55
KM57A1290N
1.8
± 5%
7.96
55
KM57A1291N
2.2
± 5%
7.96
55
KM57A1292N
2.7
± 5%
7.96
55
KM57A1293N
3.3
± 5%
7.96
55
KM57A1294N
3.9
± 5%
7.96
55
KM57A1295N
4.7
± 5%
7.96
55
KM57A1296N
5.6
± 5%
7.96
55
KM57A1297N
6.8
± 5%
7.96
55
KM57A1298N
8.2
± 5%
7.96
55
KM57A1299N
10.0
± 5%
2.52
55
KM57A1300N
12.0
± 5%
2.52
55
KM57A1301N
15.0
± 5%
2.52
55
KM57A1302N
18.0
± 5%
2.52
55
KM57A1303N
22.0
± 5%
2.52
55
KM57A1304N
27.0
± 5%
2.52
55
KM51A1202N
33.0
± 5%
2.52
40
KM51A1203N
39.0
± 5%
2.52
40
KM51A1204N
47.0
± 5%
2.52
40
KM51A1205N
56.0
± 5%
2.52
40
KM51A1206N
68.0
± 5%
2.52
40
KM51A1207N
82.0
± 5%
2.52
40
KM51A1208N
100.0
± 5%
0.796
40
KM51A1209N
120.0
± 5%
0.796
40
KM51A1210N
150.0
± 5%
0.796
40
KM51A1211N
180.0
± 5%
0.796
40
KM51A1212N
220.0
± 5%
0.796
40
KM51A1213N
270.0
± 5%
0.796
40
KM51A1214N
330.0
± 5%
0.796
40
KM51A1215N
390.0
± 5%
0.796
40
KM51A1216N
470.0
± 5%
0.796
40
KM51A1217N
560.0
± 5%
0.796
40
KM51A1218N
680.0
± 5%
0.796
40
- Denotes Color Dot
• For “RoHS” compliant part, we add “-LFR” at the end of our P/N


Número de pieza similar - KM57A1295N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
KM57A1295N FRONTIER-KM57A1295N Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KM57A1295N FRONTIER-KM57A1295N Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
More results

Descripción similar - KM57A1295N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
KM57A FRONTIER-KM57A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KM51A FRONTIER-KM51A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KS1383N FRONTIER-KS1383N Datasheet
97Kb / 1P
   7mm Adjustable shielded IFT Coil (II)
KS1346N FRONTIER-KS1346N Datasheet
105Kb / 1P
   7mm Adjustable shielded IFT Coil (I)
KS1383N FRONTIER-KS1383N_15 Datasheet
153Kb / 1P
   7mm ADJUSTABLE IFT COILS (II) (SHIELDED)
KS1346N FRONTIER-KS1346N_15 Datasheet
123Kb / 1P
   7mm ADJUSTABLE IFT COILS (I) (SHIELDED)
KM703N FRONTIER-KM703N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KM721N FRONTIER-KM721N Datasheet
110Kb / 1P
   10mm Adjustable Shielded RF Coil (I)
KM739N FRONTIER-KM739N Datasheet
109Kb / 1P
   10mm Adjustable Shielded RF Coil (II)
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com