Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS80C51RA2-VIB Datasheet(PDF) 4 Page - ATMEL Corporation

No. de pieza TS80C51RA2-VIB
Descripción Electrónicos  High Performance 8-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C51RA2-VIB Datasheet(HTML) 4 Page - ATMEL Corporation

  TS80C51RA2-VIB Datasheet HTML 1Page - ATMEL Corporation TS80C51RA2-VIB Datasheet HTML 2Page - ATMEL Corporation TS80C51RA2-VIB Datasheet HTML 3Page - ATMEL Corporation TS80C51RA2-VIB Datasheet HTML 4Page - ATMEL Corporation TS80C51RA2-VIB Datasheet HTML 5Page - ATMEL Corporation TS80C51RA2-VIB Datasheet HTML 6Page - ATMEL Corporation TS80C51RA2-VIB Datasheet HTML 7Page - ATMEL Corporation TS80C51RA2-VIB Datasheet HTML 8Page - ATMEL Corporation TS80C51RA2-VIB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
4
4188F–8051–01/08
AT/TS8xC51Rx2
4.
SFR Mapping
The Special Function Registers (SFRs) of the TS80C51Rx2 fall into the following categories:
• C51 core registers: ACC, B, DPH, DPL, PSW, SP, AUXR1
• I/O port registers: P0, P1, P2, P3, P4, P5
• Timer registers: T2CON, T2MOD, TCON, TH0, TH1, TH2, TMOD, TL0, TL1, TL2, RCAP2L,
RCAP2H
• Serial I/O port registers: SADDR, SADEN, SBUF, SCON
• Power and clock control registers: PCON
• HDW Watchdog Timer Reset: WDTRST, WDTPRG
• PCA registers: CL, CH, CCAPiL, CCAPiH, CCON, CMOD, CCAPMi
• Interrupt system registers: IE, IP, IPH
• Others: AUXR, CKCON


Número de pieza similar - TS80C51RA2-VIB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
TS80C51RA2-VIB IRF-TS80C51RA2-VIB Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2-VIB ATMEL-TS80C51RA2-VIB Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
TS80C51RA2-VIBB ATMEL-TS80C51RA2-VIBB Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
TS80C51RA2-VIBD ATMEL-TS80C51RA2-VIBD Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
TS80C51RA2-VIBR ATMEL-TS80C51RA2-VIBR Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
More results

Descripción similar - TS80C51RA2-VIB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
   High performance 8-Bit Microcontroller
logo
Digital Core Design
DFPIC165X DCD-DFPIC165X Datasheet
180Kb / 6P
   High Performance 8-bit RISC Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
   Pipelined High Performance 8-bit Microcontroller
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
   Pipelined High Performance 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com