Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM725N-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

No. de pieza KM725N-LFR
Descripción Electrónicos  10mm Adjustable Shielded RF Coil (I)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

KM725N-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  KM725N-LFR Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10mm Adjustable RF Coil P/N KM721N to KM738N
Rev. A
Jan. 01, 2006 Page 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
10mm Adjustable Shielded RF Coil (I)—P/N KM721N to KM738N
(With carbonyl-E TH core and Plastic Sleeve).
A. Mechanical Drawing:
B. Electrical Specification:
Part No.
Color
L (uH)
Min.
L (uH)
Nom.
L (uH)
Max
Test Freq.
(MHz)
Q
(Min.)
KM721N
Brown
0.70
0.82
0.94
7.9
65
KM722N
Red
1.05
1.23
1.41
7.9
37
KM723N
Orange
1.50
1.75
2.00
7.9
40
KM724N
Yellow
2.04
2.4
2.76
7.9
40
KM725N
Green
2.90
3.4
3.90
7.9
39
KM726N
Blue
4.25
5.0
5.75
7.9
38
KM727N
Violet
6.00
7.1
8.20
7.9
35
KM728N
Gray
9.40
11
12.6
2.5
25
KM729N
White
12.8
15
17.2
2.5
25
KM730N
Black
18.7
22
25.3
2.5
25
KM731N
Brown *
26.4
31
35.6
2.5
25
KM732N
Red *
37.4
44
50.6
2.5
29
KM733N
Orange *
52.7
62
71.3
2.5
30
KM734N
Yellow *
79.0
92
105.0
2.5
28
KM735N
Green *
108.8
128
147.2
0.79
18
KM736N
Blue *
155
182
208
0.79
20
KM737N
Violet *
230
270
310
0.79
16
KM738N
Gray *
336
390
450
0.79
18
- Denotes Color Dot
• For “RoHS” compliant part, we add “-LFR” at the end of our P/N


Número de pieza similar - KM725N-LFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
KM725N FRONTIER-KM725N Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (SHIELDED)
More results

Descripción similar - KM725N-LFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
KM739N FRONTIER-KM739N Datasheet
109Kb / 1P
   10mm Adjustable Shielded RF Coil (II)
KM721N FRONTIER-KM721N_15 Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (SHIELDED)
KM739N FRONTIER-KM739N_15 Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (III) (SHIELDED)
KM739N FRONTIER-KM739N_10 Datasheet
41Kb / 1P
   10mm Adjustable Shielded RF Coil (II).P/N KM739N to KM756N
KS1346N FRONTIER-KS1346N Datasheet
105Kb / 1P
   7mm Adjustable shielded IFT Coil (I)
KM703N FRONTIER-KM703N_15 Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
KM57A FRONTIER-KM57A Datasheet
90Kb / 1P
   5mm Adjustable shielded IFT Coil
logo
List of Unclassifed Man...
9106 ETC1-9106 Datasheet
127Kb / 1P
   SHIELDED ADJUSTABLE RF COILS
logo
Frontier Electronics.
KS1383N FRONTIER-KS1383N Datasheet
97Kb / 1P
   7mm Adjustable shielded IFT Coil (II)
KS1346N FRONTIER-KS1346N_15 Datasheet
123Kb / 1P
   7mm ADJUSTABLE IFT COILS (I) (SHIELDED)
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com