Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS87C51RD2-VCL Datasheet(PDF) 9 Page - ATMEL Corporation

No. de pieza TS87C51RD2-VCL
Descripción Electrónicos  High Performance 8-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS87C51RD2-VCL Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TS87C51RD2-VCL Datasheet HTML 5Page - ATMEL Corporation TS87C51RD2-VCL Datasheet HTML 6Page - ATMEL Corporation TS87C51RD2-VCL Datasheet HTML 7Page - ATMEL Corporation TS87C51RD2-VCL Datasheet HTML 8Page - ATMEL Corporation TS87C51RD2-VCL Datasheet HTML 9Page - ATMEL Corporation TS87C51RD2-VCL Datasheet HTML 10Page - ATMEL Corporation TS87C51RD2-VCL Datasheet HTML 11Page - ATMEL Corporation TS87C51RD2-VCL Datasheet HTML 12Page - ATMEL Corporation TS87C51RD2-VCL Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
9
4188F–8051–01/08
AT/TS8xC51Rx2
5.1
Pin Description for 64/68 pin Packages
Port 4 and Port 5 are 8-bit bidirectional I/O ports with internal pull-ups. Pins that have 1s written
to them are pulled high by the internal pull ups and can be used as inputs.
As inputs, pins that are externally pulled low will source current because of the internal pull-ups.
Refer to the previous pin description for other pins.
Table 5-1.
64/68 Pin Packages Configuration
12
14
8
I
INT0 (P3.2): External interrupt 0
13
15
9
I
INT1 (P3.3): External interrupt 1
14
16
10
I
T0 (P3.4): Timer 0 external input
15
17
11
I
T1 (P3.5): Timer 1 external input
16
18
12
O
WR (P3.6): External data memory write strobe
17
19
13
O
RD (P3.7): External data memory read strobe
Reset
9
10
4
I
Reset: A high on this pin for two machine cycles while the oscillator is running, resets
the device. An internal diffused resistor to VSS permits a power-on reset using only an
external capacitor to VCC. If the hardware watchdog reaches its time-out, the reset pin
becomes an output during the time the internal reset is activated.
ALE/PROG
30
33
27
O (I)
Address Latch Enable/Program Pulse: Output pulse for latching the low byte of the
address during an access to external memory. In normal operation, ALE is emitted at a
constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency, and can be used for
external timing or clocking. Note that one ALE pulse is skipped during each access to
external data memory. This pin is also the program pulse input (PROG) during EPROM
programming. ALE can be disabled by setting SFR’s AUXR.0 bit. With this bit set, ALE
will be inactive during internal fetches.
PSEN
29
32
26
O
Program Store ENable: The read strobe to external program memory. When
executing code from the external program memory, PSEN is activated twice each
machine cycle, except that two PSEN activations are skipped during each access to
external data memory. PSEN is not activated during fetches from internal program
memory.
EA/VPP
31
35
29
I
External Access Enable/Programming Supply Voltage: EA must be externally held
low to enable the device to fetch code from external program memory locations 0000H
and 3FFFH (RB) or 7FFFH (RC), or FFFFH (RD). If EA is held high, the device
executes from internal program memory unless the program counter contains an
address greater than 3FFFH (RB) or 7FFFH (RC) EA must be held low for ROMless
devices. This pin also receives the 12.75V programming supply voltage (VPP) during
EPROM programming. If security level 1 is programmed, EA will be internally latched
on Reset.
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock
generator circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier
Mnemonic
Pin Number
Type
Name And Function
DIL
LCC
VQFP 1.4
Pin
PLCC68
SQUARE VQFP64 1.4
VSS
51
9/40
VCC
17
8


Número de pieza similar - TS87C51RD2-VCL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
TS87C51RD2-VCL IRF-TS87C51RD2-VCL Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS87C51RD2-VCL ATMEL-TS87C51RD2-VCL Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
More results

Descripción similar - TS87C51RD2-VCL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
   High performance 8-Bit Microcontroller
logo
Digital Core Design
DFPIC165X DCD-DFPIC165X Datasheet
180Kb / 6P
   High Performance 8-bit RISC Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
   Pipelined High Performance 8-bit Microcontroller
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
   Pipelined High Performance 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com