Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMX320CC6713GHK20EP Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza SMX320CC6713GHK20EP
Descripción Electrónicos  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SMX320CC6713GHK20EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button SMX320CC6713GHK20EP Datasheet HTML 6Page - Texas Instruments SMX320CC6713GHK20EP Datasheet HTML 7Page - Texas Instruments SMX320CC6713GHK20EP Datasheet HTML 8Page - Texas Instruments SMX320CC6713GHK20EP Datasheet HTML 9Page - Texas Instruments SMX320CC6713GHK20EP Datasheet HTML 10Page - Texas Instruments SMX320CC6713GHK20EP Datasheet HTML 11Page - Texas Instruments SMX320CC6713GHK20EP Datasheet HTML 12Page - Texas Instruments SMX320CC6713GHK20EP Datasheet HTML 13Page - Texas Instruments SMX320CC6713GHK20EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 123 page
background image
SM320C6713-EP
SM320C6713B-EP
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SGUS049H – AUGUST 2003 – REVISED SEPTEMBER 2008
www.ti.com
The C6713/13B has a rich peripheral set that includes two multichannel audio serial ports (McASPs), two
multichannel buffered serial ports (McBSPs), two inter-integrated circuit (I2C) buses, one dedicated
general-purpose input/output (GPIO) module, two general-purpose timers, a host-port interface (HPI), and
a glueless external memory interface (EMIF) capable of interfacing to SDRAM, SBSRAM, and
asynchronous peripherals.
The two McASP interface modules each support one transmit and one receive clock zone. Each of the
McASPs has eight serial data pins that can be individually allocated to any of the two zones. The serial
port supports time-division multiplexing on each pin from 2 to 32 time slots. The C6713/13B has sufficient
bandwidth to support all 16 serial data pins transmitting a 192-kHz stereo signal. Serial data in each zone
may be transmitted and received on multiple serial data pins simultaneously and formatted in a multitude
of variations on the Philips Inter-IC Sound (I2S) format.
In addition, the McASP transmitter may be programmed to output multiple S/PDIF, IEC60958, AES-3, and
CP-430 encoded data channels simultaneously, with a single RAM containing the full implementation of
user data and channel status fields.
The McASP also provides extensive error-checking and recovery features, such as the bad clock
detection circuit for each high-frequency master clock, which verifies that the master clock is within a
programmed frequency range.
The two I2C ports on the 320C6713/13B allow the DSP to easily control peripheral devices and
communicate with a host processor. In addition, the standard multichannel buffered serial port (McBSP)
may be used to communicate with serial peripheral interface (SPI™) mode peripheral devices.
The 320C6713/13B device has two boot modes—from the HPI or from external asynchronous ROM. For
more detailed information, see the Bootmode section of this data sheet.
The TMS320C67x DSP generation is supported by the TI eXpressDSP™ set of industry benchmark
development tools, including a highly optimizing C/C++ Compiler, the Code Composer Studio™ Integrated
Development Environment (IDE), JTAG-based emulation and real-time debugging, and the DSP/BIOS™
kernel.
DEVICE INFORMATION
10
Submit Documentation Feedback


Número de pieza similar - SMX320CC6713GHK20EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMX320C6201BS14 TI-SMX320C6201BS14 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMX320C6201BS16 TI-SMX320C6201BS16 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMX320C6201BW14 TI-SMX320C6201BW14 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMX320C6201BW16 TI-SMX320C6201BW16 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMX320C6203S14 TI-SMX320C6203S14 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Descripción similar - SMX320CC6713GHK20EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com