Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJ320CC6713BGDPS20EP Datasheet(PDF) 87 Page - Texas Instruments

No. de pieza SMJ320CC6713BGDPS20EP
Descripción Electrónicos  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SMJ320CC6713BGDPS20EP Datasheet(HTML) 87 Page - Texas Instruments

Back Button SMJ320CC6713BGDPS20EP Datasheet HTML 83Page - Texas Instruments SMJ320CC6713BGDPS20EP Datasheet HTML 84Page - Texas Instruments SMJ320CC6713BGDPS20EP Datasheet HTML 85Page - Texas Instruments SMJ320CC6713BGDPS20EP Datasheet HTML 86Page - Texas Instruments SMJ320CC6713BGDPS20EP Datasheet HTML 87Page - Texas Instruments SMJ320CC6713BGDPS20EP Datasheet HTML 88Page - Texas Instruments SMJ320CC6713BGDPS20EP Datasheet HTML 89Page - Texas Instruments SMJ320CC6713BGDPS20EP Datasheet HTML 90Page - Texas Instruments SMJ320CC6713BGDPS20EP Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 123 page
background image
11.5 Input and Output Clocks
CLKIN
1
2
3
4
4
CLKOUT2
1
2
3
4
4
SM320C6713-EP
SM320C6713B-EP
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
www.ti.com
SGUS049H – AUGUST 2003 – REVISED SEPTEMBER 2008
Table 11-2. Timing Requirements for CLKIN(1)(2)(3)
See Figure 11-5
PLL MODE
BYPASS MODE
(PLLEN = 1)
(PLLEN = 0)
NO.
UNIT
MIN
MAX
MIN
MAX
tc(CLKI
GDP-200
5
83.3
6.7
1
Cycle time, CLKIN
ns
N)
GDP-300
4
83.3
6.7
tw(CLKI
2
Pulse duration, CLKIN high
0.4C
0.4C
ns
NH)
tw(CLKI
3
Pulse duration, CLKIN low
0.4C
0.4C
ns
NL)
tt(CLKIN
4
Transition time, CLKIN
5
5
ns
)
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(2)
C = CLKIN cycle time in nanoseconds (ns). For example, when CLKIN frequency is 40 MHz, use C = 25 ns.
(3)
See the PLL and PLL Controller section of this data sheet.
Figure 11-5. CLKIN
Table 11-3. Switching Characteristics for CLKOUT2(1)(2)
over recommended operating conditions (see Figure 11-6)
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(CKO2)
Cycle time, CLKOUT2
C2 – 0.8
C2 + 0.8
ns
2
tw(CKO2H)
Pulse duration, CLKOUT2 high
(C2/2) – 0.8
(C2/2) + 0.8
ns
3
tw(CKO2L)
Pulse duration, CLKOUT2 low
(C2/2) – 0.8
(C2/2) + 0.8
ns
4
tt(CKO2)
Transition time, CLKOUT2
2
ns
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
(2)
C2 = CLKOUT2 period in ns. CLKOUT2 period is determined by the PLL controller output SYSCLK2 period, which must be set to CPU
period divide-by-2.
Figure 11-6. CLKOUT2
Submit Documentation Feedback
PARAMETRIC INFORMATION
87


Número de pieza similar - SMJ320CC6713BGDPS20EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMJ320C15 TI1-SMJ320C15 Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C15-25FJM TI-SMJ320C15-25FJM Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C15-25FJM TI1-SMJ320C15-25FJM Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C15-25FJM TI1-SMJ320C15-25FJM Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C15-25JDM TI-SMJ320C15-25JDM Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Descripción similar - SMJ320CC6713BGDPS20EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com