Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMC-5026 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMC-5026
Descripción Electrónicos  2-35 GHz GaAs MMIC Traveling Wave Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5026 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5026 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5026 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5026 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5026 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5026 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5026 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5026 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5026 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
AMMC-5026 Typical Scattering Parameters[1]
(T
chuck = 25°C, Vdd = 7 V, Idd = 150 mA)
Freq.
S
11
S
21
S
12
S
22
GHz
dB Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
2.0
-24.93
0.06
-56
9.89
3.12
130
-52.04
0.0025
-109
-17.16
0.14
-126
3.0
-26.84
0.05
-18
9.50
2.98
112
-48.40
0.0038
-131
-15.78
0.16
-154
4.0
-25.16
0.06
-2
9.14
2.87
94
-45.19
0.0055
-154
-14.87
0.18
179
5.0
-23.72
0.07
2
8.90
2.79
77
-43.10
0.0070
-174
-14.55
0.19
154
6.0
-22.99
0.07
2
8.81
2.76
60
-41.31
0.0086
164
-14.82
0.18
128
7.0
-22.58
0.07
1
8.87
2.78
42
-40.00
0.0100
143
-15.68
0.16
101
8.0
-21.97
0.08
1
9.04
2.83
24
-38.94
0.0113
122
-17.22
0.14
73
9.0
-21.29
0.09
-3
9.24
2.90
5
-38.13
0.0124
103
-19.41
0.11
39
10.0
-20.67
0.09
-7
9.42
2.96
-15
-37.33
0.0136
84
-21.84
0.08
-6
11.0
-20.29
0.10
-16
9.53
2.99
-35
-36.65
0.0147
66
-22.43
0.08
-62
12.0
-20.47
0.09
-29
9.56
3.01
-56
-36.03
0.0158
49
-20.48
0.09
-110
13.0
-21.49
0.08
-43
9.52
2.99
-76
-35.34
0.0171
32
-18.32
0.12
-145
14.0
-23.65
0.07
-59
9.46
2.97
-97
-34.61
0.0186
14
-16.78
0.14
-172
15.0
-28.02
0.04
-81
9.40
2.95
-117
-33.89
0.0202
-3
-15.83
0.16
165
16.0
-39.49
0.01
-131
9.36
2.94
-137
-32.96
0.0225
-22
-15.57
0.17
144
17.0
-31.18
0.03
86
9.41
2.95
-157
-32.22
0.0245
-41
-15.93
0.16
125
18.0
-24.21
0.06
60
9.52
2.99
-177
-31.57
0.0264
-62
-16.86
0.14
107
19.0
-20.93
0.09
38
9.68
3.05
162
-30.96
0.0283
-82
-18.63
0.12
91
20.0
-18.20
0.12
13
9.79
3.09
141
-30.60
0.0295
-104
-21.67
0.08
78
21.0
-17.48
0.13
-17
9.94
3.14
119
-30.17
0.0310
-125
-27.56
0.04
74
22.0
-17.43
0.13
-46
10.02
3.17
96
-29.90
0.0320
-147
-32.88
0.02
142
23.0
-17.77
0.13
-81
10.07
3.19
73
-29.74
0.0326
-168
-24.55
0.06
171
24.0
-18.27
0.12
-119
10.06
3.18
50
-29.50
0.0335
171
-19.79
0.10
163
25.0
-18.66
0.12
-161
10.04
3.18
27
-29.24
0.0345
150
-17.19
0.14
150
26.0
-18.56
0.12
156
10.08
3.19
4
-28.85
0.0361
129
-15.72
0.16
135
27.0
-18.60
0.12
112
10.20
3.24
-19
-28.34
0.0383
107
-15.10
0.18
119
28.0
-19.07
0.11
66
10.46
3.33
-44
-27.70
0.0412
83
-15.28
0.17
104
29.0
-19.79
0.10
9
10.75
3.45
-70
-27.23
0.0435
57
-16.61
0.15
89
30.0
-18.63
0.12
-59
10.99
3.54
-98
-26.80
0.0457
29
-19.73
0.10
80
31.0
-15.62
0.17
-116
11.07
3.58
-127
-26.67
0.0464
0
-24.26
0.06
102
32.0
-13.40
0.21
-161
10.93
3.52
-158
-26.82
0.0456
-29
-21.06
0.09
136
33.0
-12.69
0.23
161
10.79
3.46
171
-26.97
0.0448
-58
-17.40
0.13
133
34.0
-14.73
0.18
127
10.78
3.46
139
-26.96
0.0449
-89
-15.99
0.16
118
35.0
-26.00
0.05
120
10.83
3.48
102
-26.76
0.0459
-125
-17.25
0.14
107
36.0
-14.82
0.18
-157
10.24
3.25
58
-27.23
0.0435
-169
-18.78
0.12
120
37.0
-10.01
0.32
172
8.79
2.75
12
-28.38
0.0381
146
-16.58
0.15
125
38.0
-9.81
0.32
161
6.12
2.02
-42
-30.66
0.0293
91
-18.73
0.12
125
39.0
-6.40
0.48
157
-0.65
0.93
-90
-36.71
0.0146
44
-13.68
0.21
154
40.0
-4.23
0.61
135
-7.76
0.41
-109
-42.85
0.0072
18
-10.52
0.30
139
Note:
1. Data obtained from on-wafer measurements.


Número de pieza similar - AMMC-5026

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5026 BOARDCOM-AMMC-5026 Datasheet
203Kb / 8P
   2??5 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026-W10 AVAGO-AMMC-5026-W10 Datasheet
165Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5026-W10 BOARDCOM-AMMC-5026-W10 Datasheet
203Kb / 8P
   2??5 GHz GaAs MMIC Traveling Wave Amplifier
More results

Descripción similar - AMMC-5026

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
   2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5026 BOARDCOM-AMMC-5026 Datasheet
203Kb / 8P
   2??5 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024 Datasheet
666Kb / 11P
   30kHz - 40 GHz Traveling Wave Amplifier
AMMP-5024 AVAGO-AMMP-5024_15 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMP-5024 BOARDCOM-AMMP-5024 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
Hittite Microwave Corpo...
HMC562 HITTITE-HMC562_08 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
HMC562 HITTITE-HMC562 Datasheet
361Kb / 8P
   GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
logo
Alpha Industries
AA035P3-00 ALPHA-AA035P3-00 Datasheet
67Kb / 2P
   31-35 GHz GaAs MMIC Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com