Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N965B Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No. de pieza 1N965B
Descripción Electrónicos  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Página de inicio  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

1N965B Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  1N965B Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N965B Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N965B Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
November 2006 / C
Page 2
Li ce n s e d by ON Sem i c o n d uc to r ,
A t r ad e m ar k o f semicond u c t o r
C o mpo n e n ts I n d u s t ri es , L L C for
Ze n e r Tec h nolo g y and Pr od u c ts .
TAK CHEONG
®
ELECTRICAL CHARACTERIZATION
(TA = 25°C unless otherwise noted)
Zener Voltage (Note 3.)
Zener Impedance (Note 4.)
Leakage Current
VZ (Volts)
@IZT
ZZT @IZT
ZZK @IZK
IR @VR = 1V
IZM
(Note 5.)
Device
(Note 2.)
Device
Marking
Min
Nom
Max
(mA)
(Ω)
(Ω)
(mA)
(uA)
(Volts)
(mA)
1N957B
1N958B
1N959B
1N960B
1N961B
1N957B
1N958B
1N959B
1N960B
1N961B
6.460
7.125
7.790
8.645
9.500
6.8
7.5
8.2
9.1
10
7.140
8.875
8.610
9.555
10.500
18.5
16.5
15
14
12.5
4.5
5.5
6.5
7.5
8.5
700
700
700
700
700
1
0.5
0.5
0.5
0.25
150
75
50
25
10
5.2
5.7
6.2
6.9
7.6
47
42
38
35
32
1N962B
1N963B
1N964B
1N965B
1N966B
1N962B
1N963B
1N964B
1N965B
1N966B
10.45
11.40
12.35
14.25
15.20
11
12
13
15
16
11.55
12.60
13.65
15.75
16.8
11.5
10.5
9.5
8.5
7.8
9.5
11.5
13
16
17
700
700
700
700
700
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
8.4
9.1
9.9
11.4
12.2
28
26
24
21
19
1N967B
1N968B
1N969B
1N970B
1N971B
1N967B
1N968B
1N969B
1N970B
1N971B
17.10
19.00
20.90
22.80
25.65
18
20
22
24
27
18.90
21.00
23.10
25.20
28.35
7
6.2
5.6
5.2
4.6
21
25
29
33
41
750
750
750
750
750
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
13.7
15.2
16.7
18.2
20.6
17
15
14
13
11
1N972B
1N973B
1N974B
1N975B
1N976B
1N972B
1N973B
1N974B
1N975B
1N976B
28.50
31.35
34.20
37.05
40.85
30
33
36
39
43
31.50
34.65
37.80
40.95
45.15
4.2
3.8
3.4
3.2
3.0
49
58
70
80
93
1000
1000
1000
1000
1500
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
22.8
25.1
27.4
29.7
32.7
10
9.2
8.5
7.8
7
1N977B
1N978B
1N979B
1N980B
1N981B
1N977B
1N978B
1N979B
1N980B
1N981B
44.65
48.45
53.20
58.90
64.60
47
51
56
62
68
49.35
53.55
58.80
65.10
71.40
2.7
2.5
2.2
2.0
1.8
105
125
150
185
230
1500
1500
2000
2000
2000
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
35.8
38.8
42.6
47.1
51.7
6.4
5.9
5.4
4.9
4.5
1N982B
1N983B
1N984B
1N985B
1N986B
1N982B
1N983B
1N984B
1N985B
1N986B
71.25
77.90
86.45
95.00
104.5
75
82
91
100
110
78.75
85.10
95.55
105.0
115.5
1.7
1.5
1.4
1.3
1.1
270
330
400
500
750
2000
3000
3000
3000
4000
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
56.0
62.2
69.2
76.0
83.6
4.1
3.7
3.3
3.0
2.7
1N987B
1N988B
1N989B
1N990B
1N991B
1N992B
1N987B
1N988B
1N989B
1N990B
1N991B
1N992B
114.0
123.5
142.5
152.0
171.0
190.0
120
130
150
160
180
200
126.0
136.5
157.5
168.5
189.5
210.0
1
0.95
0.85
0.80
0.68
0.65
900
1100
1500
1700
2200
2500
4500
5000
6000
6500
7100
8000
0.25
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
5
91.2
98.8
114.0
121.6
136.8
152.0
2.5
2.3
2.0
1.9
1.7
1.5
VF Forward Voltage = 1.5V max @ IF = 200mA for all types
2. TOLERANCE AND VOLTAGE DESIGNATION
The type numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
3. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device
junction in thermal equilibrium.
4. ZENER IMPEDANCE (ZZ) DERIVATION
ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are
for IZ(AC) = 0.1 IZ(DC) with AC frequency = 60Hz.
5. MAXIMUM ZENER CURRENT RATINGS (IZM)
Values shown are based on the JEDEC rating of 400mW where the actual zener voltage (VZ) is known at the operation point, the
zener current may be increased and is limited by the derating curve.


Número de pieza similar - 1N965B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
1N965B JGD-1N965B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Tak Cheong Electronics ...
1N965B TAK_CHEONG-1N965B Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Compensated Deuices Inc...
1N965B CDI-DIODE-1N965B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
TRANSYS Electronics Lim...
1N965B TEL-1N965B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
General Semiconductor
1N965B GE-1N965B Datasheet
37Kb / 2P
   ZENER DIODES
More results

Descripción similar - 1N965B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com