Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TCZM62C Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
TCZM62C Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
2 / 6 page Number: DB-064 June 2008 / C Page 2 SEMICONDUCTOR TAK CHEONG ® Electrical Characteristics TA = 25°C unless otherwise noted VZ @ IZT (Volts) Device Type Min Nom Max IZT (mA) ZZT @ IZT ( Ω) Max IZK (mA) ZZK @ IZK ( Ω) Max IR @ VR ( μA) Max VR (Volts) TCZM15B 14.70 15 15.30 5 28 1 188 0.045 10.5 TCZM16B 15.68 16 16.32 5 37 1 188 0.045 11.2 TCZM18B 17.64 18 18.36 5 42 1 212 0.045 12.6 TCZM20B 19.60 20 20.40 5 51 1 212 0.045 14.0 TCZM22B 21.56 22 22.44 5 51 1 235 0.045 15.4 TCZM24B 23.52 24 24.48 5 65 1 235 0.045 16.8 TCZM27B 26.46 27 27.54 2 75 0.5 282 0.045 18.9 TCZM30B 29.40 30 30.60 2 75 0.5 282 0.045 21.0 TCZM33B 32.34 33 33.66 2 75 0.5 306 0.045 23.0 TCZM36B 35.28 36 36.72 2 84 0.5 329 0.045 25.2 TCZM39B 38.22 39 39.78 2 122 0.5 329 0.045 27.3 TCZM43B 42.14 43 43.86 2 141 0.5 353 0.045 30.1 TCZM47B 46.06 47 47.94 2 160 0.5 353 0.045 33.0 TCZM51B 49.98 51 52.02 2 169 0.5 376 0.045 35.7 TCZM56B 54.88 56 57.12 2 188 0.5 400 0.045 39.2 TCZM62B 60.76 62 63.24 2 202 0.5 423 0.045 43.4 TCZM68B 66.64 68 69.36 2 226 0.5 447 0.045 47.6 TCZM75B 73.50 75 76.50 2 240 0.5 470 0.045 52.5 VF Forward Voltage = 1 V Maximum @ IF = 100 mA for all types Electrical Characteristics TA = 25°C unless otherwise noted VZ @ IZT (Volts) Device Type Min Nom Max IZT (mA) ZZT @ IZT ( Ω) Max IZK (mA) ZZK @ IZK ( Ω) Max IR @ VR ( μA) Max VR (Volts) TCZM2V4C 2.28 2.4 2.52 5 94 1 564 45 1 TCZM2V7C 2.57 2.7 2.84 5 94 1 564 18 1 TCZM3V0C 2.85 3.0 3.15 5 89 1 564 9 1 TCZM3V3C 3.14 3.3 3.47 5 89 1 564 4.5 1 TCZM3V6C 3.42 3.6 3.78 5 84 1 564 4.5 1 TCZM3V9C 3.71 3.9 4.10 5 84 1 564 2.7 1 TCZM4V3C 4.09 4.3 4.52 5 84 1 564 2.7 1 TCZM4V7C 4.47 4.7 4.94 5 75 1 470 2.7 2 TCZM5V1C 4.85 5.1 5.36 5 56 1 451 1.8 2 TCZM5V6C 5.32 5.6 5.88 5 37 1 376 0.9 2 TCZM6V2C 5.89 6.2 6.51 5 9 1 141 2.7 4 TCZM6V8C 6.46 6.8 7.14 5 14 1 75 1.8 4 TCZM7V5C 7.11 7.5 7.86 5 14 1 75 0.9 5 TCZM8V2C 7.79 8.2 8.61 5 14 1 75 0.63 5 TCZM9V1C 8.65 9.1 9.56 5 14 1 94 0.45 6 TCZM10C 9.50 10 10.50 5 18 1 141 0.18 7 TCZM11C 10.45 11 11.55 5 18 1 141 0.09 8 TCZM12C 11.40 12 12.60 5 23 1 141 0.09 8 TCZM13C 12.35 13 13.65 5 28 1 160 0.09 8 TCZM15C 14.25 15 15.75 5 28 1 188 0.045 10.5 TCZM16C 15.20 16 16.80 5 37 1 188 0.045 11.2 TCZM18C 17.10 18 18.90 5 42 1 212 0.045 12.6 TCZM20C 19.00 20 21.00 5 51 1 212 0.045 14.0 TCZM22C 20.90 22 23.10 5 51 1 235 0.045 15.4 TCZM24C 22.80 24 25.20 5 65 1 235 0.045 16.8 TCZM27C 25.65 27 28.35 2 75 0.5 282 0.045 18.9 TCZM30C 28.50 30 31.50 2 75 0.5 282 0.045 21.0 TCZM33C 31.35 33 34.65 2 75 0.5 306 0.045 23.0 TCZM36C 34.20 36 37.80 2 84 0.5 329 0.045 25.2 TCZM39C 37.05 39 40.95 2 122 0.5 329 0.045 27.3 TCZM43C 40.85 43 45.15 2 141 0.5 353 0.045 30.1 |
Número de pieza similar - TCZM62C |
|
Descripción similar - TCZM62C |