Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SCG2020 Datasheet(PDF) 14 Page - Connor-Winfield Corporation

No. de pieza SCG2020
Descripción Electrónicos  Synchronous Clock Generators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONNOR-WINFIELD [Connor-Winfield Corporation]
Página de inicio  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2020 Datasheet(HTML) 14 Page - Connor-Winfield Corporation

Back Button SCG2020 Datasheet HTML 10Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 11Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 12Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 13Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 14Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 15Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 16Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 17Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 18Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Data Sheet #: SG035
Page 14 of 20
Rev: 00
Date: 08/23/04
© Copyright 2004 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
SCG2010
SCG2010 Individual Features:
Input References (Pin #8) at 19.44 MHz.
Oscillator Output (Pin #9) at 19.44 MHz.
Reference Output (Pin #1) at 8 kHz.
The SCG2010 is designed as a clean-up PLL
with the input reference frequency (Pin #8)
equal to the oscillator output (Pin #9). The
reference output frequency (Pin #1) is 8 kHz.
The LOL alarm is designed to tolerate 1
µs
p-p of jitter on the reference. Jitter greater
than 1
µs p-p will result in LOL alarm pulses.
Input Reference Selection
Table 11
SCG2010
Input Sel A
Input Sel B
Reference Frequency
(Pin #14)
(Pin #13)
(Pin #8)
X
X
19.44 MHz (Default)
X= Don’t Care
Reference and Output Availability
Table 12
SCG2010
Input Reference
Oscillator Output
Reference Output
(Pin #8)
(Pin #9)
(Pin #1)
19.44 MHz
19.44 MHz
8 kHz


Número de pieza similar - SCG2020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
942Kb / 20P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG2000IG CONNOR-WINFIELD-SCG2000IG_15 Datasheet
694Kb / 16P
   Synchronous Clock Generators
SCG2001G-N8 CONNOR-WINFIELD-SCG2001G-N8 Datasheet
417Kb / 12P
   Jitter Filter
logo
SeCoS Halbleitertechnol...
SCG2019 SECOS-SCG2019 Datasheet
667Kb / 4P
   P-Channel Enhancement Mode MOSFET
More results

Descripción similar - SCG2020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
381Kb / 16P
   Synchronous Clock Generators
SCG102A CONNOR-WINFIELD-SCG102A Datasheet
220Kb / 8P
   Synchronous Clock Generators
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
SCG2000IG CONNOR-WINFIELD-SCG2000IG_15 Datasheet
694Kb / 16P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com