Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM3-038.88M Datasheet(PDF) 5 Page - Connor-Winfield Corporation

No. de pieza SM3-038.88M
Descripción Electrónicos  ULTRA MINIATURE STRATUM 3 MODULE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONNOR-WINFIELD [Connor-Winfield Corporation]
Página de inicio  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM3-038.88M Datasheet(HTML) 5 Page - Connor-Winfield Corporation

  SM3-038.88M Datasheet HTML 1Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 2Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 3Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 4Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 5Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 6Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 7Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 8Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet #: TM052
Page 5 of 36
Rev: 03
Date: 11/07/08
© Copyright 2008 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
0x0d
Ref_Rev_Delay
Reference reversion delay time, 0 - 255 minutes
R/W
0x0e
Phase_Offset
Phase offset between M/S REF & M/S Output (for the Slave in M/S operation)
in 250ps resolution
R/W
0x0f
Calibration
Local oscillator digital calibration in 0.05 ppm resolution
R/W
0x10
Fr_Pulse_Width
Frame sync pulse width
R/W
0x11
DPLL_Status
Digital Phase Locked Loop status
R
0x12
Intr_Event
Interrupt events
R
0x13
Intr_Enable
Enable individual interrupt events
R/W
0x14
Ref1_Frq_Offset1
Ref1 frequency offset in 0.2 ppm resolution
R
0x15
Ref2_Frq_Offset2
Ref2 frequency offset in 0.2 ppm resolution
R
0x16
Ref3_Frq_Offset3
Ref3 frequency offset in 0.2 ppm resolution
R
0x17
Ref4_Frq_Offset4
Ref4 frequency offset in 0.2 ppm resolution
R
0x18
Reserved
0x19
Reserved
0x1a
Reserved
0x1b
Reserved
0x1c
Ref1_Frq_Priority1
Ref1 frequency and priority
R/W
0x1d
Ref2_Frq_Priority2
Ref2 frequency and priority
R/W
0x1e
Ref3_Frq_Priority3
Ref3 frequency and priority
R/W
0x1f
Ref4_Frq_Priority4
Ref4 frequency and priority
R/W
0x20
Reserved
0x21
Reserved
0x22
Reserved
0x23
Reserved
0x24
FreeRun Priority
Control and Priority for designation of Free Run as a reference
R/W
0x25
History_Policy
Sets policy for Hold Over history accumulation
R/W
0x26
History_CMD
Save, restore and flush comands for Hold Over history
R/W
0x27
HoldOver_Time
Indicates the time since entering Hold Over state
R
0x30
Cfgdata
Configuration data write register
R/W
0x31
Cfgctr_Lo
Configuration data write counter, low byte
R
0x32
Cfgctr_Hi
Configuration data write counter, high byte
R
0x33
Chksum
Configuration data checksum pass/fail indicator
R
0x36
EE_Wrt_Mode
Disables/Enables writing to the external EEPROM
R/W
0x37
EE_Cmd
Read/Write command & ready indication register for ext. EEPROM access
R/W
0x38
EE_Page_Num
Page number for external EEPROM access
R/W
0x39
EE_FIFO_Port
Read/Write data for external EEPROM access
R/W
Register Map Continued


Número de pieza similar - SM3-038.88M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
SM3-8RG5 CONNOR-WINFIELD-SM3-8RG5 Datasheet
616Kb / 32P
   8 REFERENCE STRATUM 3 MODULE
logo
List of Unclassifed Man...
SM3-9WE ETC2-SM3-9WE Datasheet
124Kb / 4P
   Cable Marker
logo
Connor-Winfield Corpora...
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
More results

Descripción similar - SM3-038.88M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
SM3G CONNOR-WINFIELD-SM3G Datasheet
1Mb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3E CONNOR-WINFIELD-SM3E Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
SM3E CONNOR-WINFIELD-SM3E_15 Datasheet
981Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
logo
EUROQUARTZ limited
YH1440 EUROQUARTZ-YH1440 Datasheet
84Kb / 1P
   Miniature Package - Stratum 3 Compliant
logo
Connor-Winfield Corpora...
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com