Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL431ZCLS Datasheet(PDF) 2 Page - IK Semicon Co., Ltd |
|
TL431ZCLS Datasheet(HTML) 2 Page - IK Semicon Co., Ltd |
2 / 14 page TL431Z Symbol Functional Block Diagram Equivalent Schematic ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified) Characteristic Symbol Value Unit Cathode Voltage VKA 44 V Cathode Current Range (Continuous) IK -100 ~ 150 mA Reference Input Current Range IREF 0.05 ~ 10 mA Power Dissipation at 25 oC: SOP, TO – 92 Package (RθJA = 178 oC/W) SOT Package (RθJA = 625 oC/W) PD 0.7 0.2 W W Junction Temperature Range TJ -25 ~ 150 oC Operating Temperature Range Tg -25 ~ 85 oC Storage Temperature Range Tstg -65 ~ 150 oC RECOMMENDED OPERATING CONDITIONS Characteristic Symbol Min Typ Max Unit Cathode to Anode Voltage VKA VREF 40 V Cathode Current IK 0.5 100 mA Rev. 01 |
Número de pieza similar - TL431ZCLS |
|
Descripción similar - TL431ZCLS |