Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1014-5.0VCT Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

No. de pieza TC1014-5.0VCT
Descripción Electrónicos  50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELCOM [TelCom Semiconductor, Inc]
Página de inicio  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1014-5.0VCT Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC1014-5.0VCT Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1014-5.0VCT Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1014-5.0VCT Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1014-5.0VCT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1014-5.0VCT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1014-5.0VCT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1014-5.0VCT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1014-5.0VCT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1014-5.0VCT Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC1014
5
PRELIMINARY INFORMATION
TC1014-01-6/5/97
50mA CMOS LDO WITH SHUTDOWN
AND REFERENCE BYPASS
Sales Offices
TelCom Semiconductor
1300 Terra Bella Avenue
P.O. Box 7267
Mountain View, CA 94039-7267
TEL: 415-968-9241
FAX: 415-967-1590
E-Mail: liter@c2smtp.telcom-semi.com
Printed in the U.S.A.
TelCom Semiconductor H.K. Ltd.
10 Sam Chuk Street, 6/F
San Po Kong
Kowloon
Hong Kong
TEL: 852-2324-0122
FAX: 852-2354-9957
TelCom Semiconductor
Austin Product Center
9101 Burnet Rd. Suite 214
Austin, TX 78758
TEL: 512-873-7100
FAX: 512-873-8236
SOT-23A-5*
PACKAGE DIMENSIONS
Dimensions: inches (mm)
.071 (1.80)
.059 (1.50)
.122 (3.10)
.098 (2.50)
.020 (0.50)
.012 (0.30)
.037 (0.95)
REFERENCE
.122 (3.10)
.106 (2.70)
.057 (1.45)
.035 (0.90)
.006 (0.15)
.000 (0.00)
.022 (0.55)
.008 (0.20)
10
° MAX.
.010 (0.25)
.004 (0.09)
SOT-23A-5
&
= part number code + temperature range and voltage
TC1014 (V)
Code
2.5
A1
2.7
A2
3.0
A3
3.3
A5
5.0
A7
represents year and quarter code
represents lot ID number
NOTE: *SOT-23A-5 is equivalent to the EIAJ (SC-74A)
MARKING


Número de pieza similar - TC1014-5.0VCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1014-5.0VCT713 MICROCHIP-TC1014-5.0VCT713 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
More results

Descripción similar - TC1014-5.0VCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
LR1185 UTC-LR1185 Datasheet
163Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
TC1070 TELCOM-TC1070 Datasheet
117Kb / 12P
   50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
logo
Microchip Technology
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com