Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX284C3V9 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza BZX284C3V9
Descripción Electrónicos  Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BZX284C3V9 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BZX284C3V9 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BZX284C3V9 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
www.kexin.com.cn
2
BZX284 Series
Min.
Max.
Min.
Max.
Typ.
Max.
Typ.
Max.
Typ.
Max.
Max.
2%
5%
6V2
6.08
6.32
5.8
6.6
40
150
6
10
2.3
250
12.0
WY
YY
6V8
6.66
6.94
6.4
7.2
30
80
6
15
3.0
215
12.0
WZ
YYZ
7V5
7.35
7.65
7.0
7.9
15
80
2
10
4.0
170
4.0
XA
ZA
8V2
8.04
8.36
7.7
8.7
20
80
2
10
4.6
150
4.0
XB
ZB
9V1
8.92
9.28
8.5
9.6
20
100
2
10
5.5
120
3.0
XC
ZC
10
9.80
10.20
9.4
10.6
20
150
2
10
6.4
110
3.0
XD
ZD
11
10.80
11.20
10.4
11.6
25
150
2
10
7.4
108
2.5
XE
ZE
12
11.80
12.20
11.4
12.7
25
150
2
10
8.4
105
2.5
XF
ZF
13
12.70
13.30
12.4
14.1
25
170
2
10
9.4
103
2.5
XG
ZG
15
14.70
15.30
13.8
15.6
25
200
3
15
11.4
99
2.0
XH
ZH
16
15.70
16.30
15.3
17.1
25
200
4
20
12.4
97
1.5
XI
ZI
18
17.60
18.40
16.8
19.1
25
225
4
20
14.4
93
1.5
XJ
ZJ
20
19.60
20.40
18.8
21.2
30
225
4
20
16.4
88
1.5
XK
ZK
22
21.60
22.40
20.8
23.3
30
250
5
25
18.4
84
1.25
XL
ZL
24
23.50
24.50
22.8
25.6
30
250
6
30
20.4
80
1.25
XM
ZM
27
26.50
27.50
25.1
28.9
35
250
8
40
23.4
73
1.0
XN
ZN
30
29.40
30.60
28.0
32.0
35
250
10
40
26.6
66
1.0
XO
ZO
33
32.30
33.70
31.0
35.0
40
275
11
40
29.7
60
0.9
XP
ZP
36
35.30
36.70
34.0
38.0
40
300
15
60
33.0
59
0.8
XQ
ZQ
39
38.20
39.80
37.0
41.0
40
300
25
75
36.4
58
0.7
XR
ZR
43
42.10
43.90
40.0
46.0
45
325
30
80
41.2
56
0.6
XS
ZS
47
46.10
47.90
44.0
50.0
45
325
30
90
46.1
55
0.5
XT
ZT
51
50.00
52.00
48.0
54.0
45
350
35
110
51.0
52
0.4
XU
ZU
56
54.90
57.10
52.0
60.0
50
375
40
120
57.0
49
0.3
XV
ZV
62
60.80
63.20
58.0
66.0
60
400
50
140
64.4
44
0.3
XW
ZW
68
66.60
69.40
64.0
72.0
75
400
55
160
71.7
40
0.25
XX
ZX
75
73.50
76.50
70.0
79.0
85
400
70
175
80.2
35
0.2
XY
ZY
BZX284
Bor C
XXX
Working voltage
VZ (V)
@IZ =5mA
Differential resistance
Rdif (
)
2% (B)
5% (C)
@IZ =1mA
@IZ =5mA
Temp.
Coeff.
SZ (mV/K)
@IZ =2mA
Diode Cap.
Cd (pF)
@
f= 1MHz;
VR =0V
Non-repetitive
peak reverse
current
IZSM (A)
@tp =100
s
Marking


Número de pieza similar - BZX284C3V9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BZX284 PHILIPS-BZX284 Datasheet
57Kb / 12P
   Voltage regulator diodes
1999 Apr 19
logo
Nexperia B.V. All right...
BZX284 NEXPERIA-BZX284 Datasheet
892Kb / 11P
   Voltage regulator diodes
2002 May 28
logo
NXP Semiconductors
BZX284-B10 PHILIPS-BZX284-B10 Datasheet
57Kb / 12P
   Voltage regulator diodes
1999 Apr 19
logo
Nexperia B.V. All right...
BZX284-B10 NEXPERIA-BZX284-B10 Datasheet
892Kb / 11P
   Voltage regulator diodes
2002 May 28
logo
NXP Semiconductors
BZX284-B11 PHILIPS-BZX284-B11 Datasheet
57Kb / 12P
   Voltage regulator diodes
1999 Apr 19
More results

Descripción similar - BZX284C3V9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com