Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC4469EJD Datasheet(PDF) 9 Page - TelCom Semiconductor, Inc

No. de pieza TC4469EJD
Descripción Electrónicos  LOGIC-INPUT CMOS QUAD DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELCOM [TelCom Semiconductor, Inc]
Página de inicio  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4469EJD Datasheet(HTML) 9 Page - TelCom Semiconductor, Inc

  TC4469EJD Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 8Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
4-269
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TYPICAL APPLICATIONS
4.7 k
TC4469
48-Volt, 3-Phase Brushless Output Stage
1
2
3
4
5
6
8
9
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
GND
U1
13
12
11
10
TC4469
1
2
3
4
5
6
8
9
1A
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
13
12
11
10
48V
14
7
15V
14
7
GND
VDD
R4
3.3
k
D2
D3
D4
R1
3.3
k
5W
R9
R10
R11
Q1
Q2
Q3
2N5550
2N5550
2N5550
1A
A+
B+
C+
A–
B–
C–
C1
1 µF
D1
1N4744
15V
R2
3.3
k
R3
3.3
k
MOTOR
MOTOR
MOTOR
4.7 k
4.7 k
U2
VDD
PHASE A
PHASE B
PHASE C
(FLOAT AT 33V)
R7
R6
R5
+12V
14
7
1
2
Stepper Motor Drive
TC4469
13
3
4
12
5
6
11
8
9
10
A
B
+5V TO +15V
14
Quad Driver for H-Bridge Motor Control
TC4469
DIRECTION
PWM SPEED
18V
FWD
13
12
11
10
7
9
8
6
5
4
3
2
1
REV
MOTOR
MOTOR
M
RED
GRAY
YEL
BLK
AIRPAX
#M82102-P2
7.5
°/STEP
LOGIC-INPUT CMOS
QUAD DRIVERS
TC4467
TC4468
TC4469


Número de pieza similar - TC4469EJD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC4469EJD MICROCHIP-TC4469EJD Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
More results

Descripción similar - TC4469EJD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC4468EOE MICROCHIP-TC4468EOE Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
TC4467 MICROCHIP-TC4467 Datasheet
475Kb / 22P
   Logic-Input CMOS Quad Drivers
2002
TC4467 MICROCHIP-TC4467_13 Datasheet
393Kb / 22P
   Logic-Input CMOS Quad Drivers
11/27/12
TC4467EOE MICROCHIP-TC4467EOE Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
TC4469COE713 MICROCHIP-TC4469COE713 Datasheet
391Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
logo
Texas Instruments
CD54HC157 TI1-CD54HC157_15 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
74HC158 HARRIS-74HC158 Datasheet
24Kb / 6P
   High Speed CMOS Logic Quad 2-Input Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com