Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FZT790A Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de Pieza. FZT790A
Descripción  PNP Silicon Planar Medium Power High Gain Transistor
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo 

FZT790A Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Breakdown Voltages
V(BR)CBO IC=-100ìA
-50
-70
V
Breakdown Voltages
V(BR)CEO IC=-10mA
-40
-60
V
Breakdown Voltages
V(BR)EBO IE=-100ìA
-5
-8.5
V
Collector Cut-Off Current
ICBO
VCB=-30V
VCB=-30V,Ta = 100
-0.1
-10
ìA
Emitter Cut-Off Current
IEBO
VEB=-4V
-0.1
ìA
Collector-Emitter Saturation Voltage *
VCE(sat)
IC=-500mA, IB=-5mA
IC=-1A, IB=-10mA
IC=-2A, IB=-50mA
-0.15
-0.30
-0.40
-0.25
-0.45
-0.75
V
Base-Emitter Saturation Voltage *
VBE(sat) IC=-1A, IB=-10mA
-0.8
-1.0
V
Base-EmitterTurn-OnVoltage *
VBE(on)IC=-1A, VCE=-2V
-0.75
V
IC=-10mA, VCE=-2V
300
800
IC=-500mA, VCE=-2V*
250
IC=-1A, VCE=-2V*
200
IC=-2A, VCE=-2V*
150
Transitional frequency
fT
IC=-50mA, VCE=-5V, f=50MHz
100
MHz
Output capacitance
Cobo
VCB=-10V, f=1MHz
24
pF
Turn-on time
t(on)
IC=-500mA, VCC=-10V
35
ns
Turn-off time
t(off)
IB1=IB2=-50mA
600
ns
* Pulse test: tp = 300 ìs; d
0.02.
Static Forward Current Transfer Ratio
hFE
FZT790A
Marking
Marking
FZT790A


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn