Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC913B Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

No. de pieza TC913B
Descripción Electrónicos  DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELCOM [TelCom Semiconductor, Inc]
Página de inicio  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC913B Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC913B Datasheet HTML 1Page - TelCom Semiconductor, Inc TC913B Datasheet HTML 2Page - TelCom Semiconductor, Inc TC913B Datasheet HTML 3Page - TelCom Semiconductor, Inc TC913B Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3-272
TELCOM SEMICONDUCTOR, INC.
HORIZONTAL SCALE = 20 msec/DIV
Positive Overload Recovery Time
0V
OUTPUT =
2 V/DIV
INPUT
INPUT
GAIN = –20
35
–6
INPUT COMMON-MODE VOLTAGE (V)
Input Offset Voltage vs.
Common-Mode Voltage
30
25
20
15
10
5
0
–5 –4 –3 –2 –1
01234
V =
±5V
T = +25
°C
S
A
± SUPPLY VOLTAGE (V)
Supply Current vs.
± Supply Voltage
HORIZONTAL SCALE = 20 msec/DIV
Negative Overload Recovery Time
R = 10 k
T = +25
°C
INPUT
0V
L
A
OUTPUT
= 2 V/DIV
50
10k
FREQUENCY (Hz)
Gain and Phase vs. Frequency
40
30
20
10
0
–10
–20
–30
–40
100k
1M
10M
PHASE
GAIN
V =
±5V
T = +25
°C
R = 10 k
225
180
135
90
45
0
–45
–90
–135
–180
100
LOAD RESISTANCE (
Ω)
Output Voltage Swing vs.
Load Resistance
5.0
V =
±5V
T = +25
°C
–SWING
+SWING
4.2
3.4
2.6
1.8
1.0
1k
10k
100k
1M
A
S
S
A
L
1200
1000
800
600
400
200
0
23
5
46
7
8
T = +25
°C
A
GAIN = –20
TYPICAL CHARACTERISTICS
TC913A
TC913B
DUAL AUTO-ZEROED
OPERATIONAL AMPLIFIERS


Número de pieza similar - TC913B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC913B MICROCHIP-TC913B Datasheet
429Kb / 12P
   Dual Auto-Zeroed Operational Amplifiers
2002
TC913B MICROCHIP-TC913B Datasheet
259Kb / 12P
   Dual Auto-Zeroed Operational Amplifiers
2006
TC913B MICROCHIP-TC913B Datasheet
205Kb / 14P
   Dual Auto-Zeroed Operational Amplifiers
11/29/12
TC913BCOA MICROCHIP-TC913BCOA Datasheet
429Kb / 12P
   Dual Auto-Zeroed Operational Amplifiers
2002
TC913BCOA MICROCHIP-TC913BCOA Datasheet
259Kb / 12P
   Dual Auto-Zeroed Operational Amplifiers
2006
More results

Descripción similar - TC913B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC913A MICROCHIP-TC913A_13 Datasheet
205Kb / 14P
   Dual Auto-Zeroed Operational Amplifiers
11/29/12
TC913A MICROCHIP-TC913A_06 Datasheet
259Kb / 12P
   Dual Auto-Zeroed Operational Amplifiers
2006
TC913A MICROCHIP-TC913A Datasheet
429Kb / 12P
   Dual Auto-Zeroed Operational Amplifiers
2002
TC901 MICROCHIP-TC901 Datasheet
50Kb / 6P
   Dual Auto-Zeroed Operational Amplifiers
2001
logo
TelCom Semiconductor, I...
TC911A TELCOM-TC911A Datasheet
69Kb / 5P
   AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC911A MICROCHIP-TC911A_05 Datasheet
263Kb / 14P
   Monolithic Auto-Zeroed Operational Amplifiers
2005
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
   Monolithic Auto-Zeroed Operational Amplifers
2001
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
   MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Teledyne Technologies I...
TC915 TELEDYNE-TC915 Datasheet
941Kb / 8P
   HIGH-VOLTAGE, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com