Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC9400 Datasheet(PDF) 10 Page - TelCom Semiconductor, Inc

No. de pieza TC9400
Descripción Electrónicos  VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELCOM [TelCom Semiconductor, Inc]
Página de inicio  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC9400 Datasheet(HTML) 10 Page - TelCom Semiconductor, Inc

Back Button TC9400 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC9400 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC9400 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC9400 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC9400 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC9400 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC9400 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC9400 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC9400 Datasheet HTML 13Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
3-296
TELCOM SEMICONDUCTOR, INC.
FREQUENCY-TO-VOLTAGE (F/V)
CIRCUIT DESCRIPTION
When used as an F/V converter, the TC9400 generates
an output voltage linearly proportional to the input frequency
waveform.
Each zero crossing at the threshold detector's input
causes a precise amount of charge (q = CREF × VREF) to be
dispensed into the op amp's summing junction. This charge
in turn flows through the feedback resistor, generating
voltage pulses at the output of the op amp. A capacitor (CINT)
across RINT averages these pulses into a DC voltage which
is linearly proportional to the input frequency.
F/V CONVERTER DESIGN INFORMATION
Input/Output Relationships
The output voltage is related to the input frequency (fIN)
by the transfer equation:
VOUT = [VREF CREF RINT] fIN.
The response time to a change in fIN is equal to (RINT
CINT). The amount of ripple on VOUT is inversely proportional
to CINT and the input frequency.
CINT can be increased to lower the ripple. Values of 1µF
to 100
µF are perfectly acceptable for low frequencies.
When the TC9400 is used in the single-supply mode,
VREF is defined as the voltage difference between pin 7 and
pin 2.
+5V
14
64
+5V
–5V
VDD
1.0M
11
33k
IN914
VSS
DET
TC9400
0.01
µF
Frequency
Input
0V
GND
+8V to +5V
14
10k
4
+5V
VDD
1.0M
11
33k
IN914
VSS
DET
TC9400
0.01
µF
Frequency
Input
0V
0.1
µF
10k
(B) Single Supply
(A)
±5V Supply
Figure 6.
Frequency Input Level Shifter
Input Voltage Levels
The input frequency is applied to the Threshold Detector
input (Pin 11). As discussed in the V/F circuit section of this
data sheet, the threshold of pin 11 is approximately (VDD +
VSS) /2 ±400mV. Pin 11's input voltage range extends from
VDD to about 2.5 V below the threshold. If the voltage on pin
11 goes more than 2.5 volts below the threshold, the V/F
mode startup comparator will turn on and corrupt the output
voltage. The Threshold Detector input has about 200 mV of
hysteresis.
In
±5 V applications, the input voltage levels for the
TC9400 are
±400mV, minimum. If the frequency source
being measured is unipolar, such as TTL or CMOS operat-
ing from a +5V source, then an AC coupled level shifter
should be used. One such circuit is shown in Figure 6a.
The level shifter circuit in Figure 6b can be used in single
supply F/V applications. The resistor divider ensures that
the input threshold will track the supply voltages. The diode
clamp prevents the input from going far enough in the
negative direction to turn on the startup comparator. The
diode's forward voltage decreases by 2.1 mV/
°C, so for high
ambient temperature operation two diodes in series are
recommended.
VOLTAGE-TO-FREQUENCY/
FREQUENCY-TO-VOLTAGE CONVERTERS
TC9400
TC9401
TC9402


Número de pieza similar - TC9400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
TC9400COD MICROCHIP-TC9400COD Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
TC9400CPD MICROCHIP-TC9400CPD Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
TC9400EJD MICROCHIP-TC9400EJD Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
More results

Descripción similar - TC9400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com