Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FZT789A Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de Pieza. FZT789A
Descripción  NPN Silicon Planar Medium Power High Gain Transistor
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo 

FZT789A Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
SOT-223
Unit: mm
3.00+0.1
-0.1
0.70+0.1
-0.1
2.9
4.6
6.50+0.2
-0.2
3.50+0.2
-0.2
0.90+0.2
-0.2
7.00+0.3
-0.3
12
4
3
1 base
2 collector
3 emitter
NPN Silicon Planar Medium
PowerHighGainTransistor
FZT789A
Features
Low equivalent on-resistance; RCE(sat) 93mÙ at 3A.
Gain of 300 at IC=2 Amps and Very low saturation voltage.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-25
V
Collector-emitter voltage
VCEO
-25
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
ICM
-6
A
Peak pulse current
IC
-3
A
Power dissipation
Ptot
2W
Operating and storage temperature range
Tj,Tstg
-55to+150


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn