Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2133 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SK2133
Descripción Electrónicos  MOS Field Effect Power Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK2133 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK2133 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
MOSFET
SMD Type
1.27+0.1
-0.1
1.27+0.1
-0.1
5.08+0.1
-0.1
0.1max
2.54+0.2
-0.2
2.54
4.57+0.2
-0.2
0.4+0.2
-0.2
0.81+0.1
-0.1
TO-263
Unit: mm
MOS Field Effect Power Transistor
2SK2133
Features
Low on-resistance
RDS(on)=0.21
MAX.@VGS=10V,ID=8.0A
Low Ciss Ciss=1090 pF TYP.
High avalanche capabil
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to source voltage
VDSS
250
V
Gate to source voltage
VGSS
30
V
ID
16
A
Idp *
64
A
Power dissipation TA=25
1.5
W
TC=25
75
W
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
*PW
10
s,Duty Cycle
1%
Drain current
PD
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=250V,VGS=0
100
A
Gate leakage current
IGSS
VGS=
30V,VDS=0
10
A
Gate to source cutoff voltage
VGS(off)
VDS=10V,ID=1mA
2.0
4.0
V
Forward transfer admittance
Yfs
VDS=10V,ID=8.0A
4.0
S
Drain to source on-state resistance
RDS(on)
VGS=10V,ID=8.0A
0.2
0.26
Input capacitance
Ciss
1090
pF
Output capacitance
Coss
420
pF
Reverse transfer capacitance
Crss
80
pF
Turn-on delay time
td(on)
20
ns
Rise time
tr
40
ns
Turn-off delay time
td(off)
60
ns
Fall time
tf
20
ns
VDS=10V,VGS=0,f=1MHZ
ID=8.0A,VGS(on)=10V,RL=18.75
,RG=10
,VDD=150V
1Gate
2Drain
3 Source


Número de pieza similar - 2SK2133

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK2133 ISC-2SK2133 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2133 RENESAS-2SK2133 Datasheet
605Kb / 10P
   MOS FIELD EFFECT POWER TRANSISTORS
1993
logo
NEC
2SK2133-Z NEC-2SK2133-Z Datasheet
366Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK2133-Z ISC-2SK2133-Z Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK2133

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SK1284 KEXIN-2SK1284 Datasheet
49Kb / 1P
   MOS Field Effect Power Transistor
2SJ302 KEXIN-2SJ302 Datasheet
47Kb / 1P
   Mos Field Effect Power Transistor
logo
Renesas Technology Corp
2SK2234 RENESAS-2SK2234 Datasheet
574Kb / 11P
   MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1760 RENESAS-2SK1760 Datasheet
499Kb / 9P
   MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1852 RENESAS-2SK1852 Datasheet
490Kb / 8P
   MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1953 RENESAS-2SK1953 Datasheet
539Kb / 11P
   MOS FIELD EFFECT POWER TRANSISTOR
1993
logo
NEC
2SK611 NEC-2SK611 Datasheet
290Kb / 4P
   MOS FIELD EFFECT POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SK1954 KEXIN-2SK1954 Datasheet
46Kb / 1P
   MOS Field Effect Power Transistor
logo
Renesas Technology Corp
2SK1795 RENESAS-2SK1795 Datasheet
523Kb / 11P
   MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1295 RENESAS-2SK1295 Datasheet
504Kb / 10P
   MOS FIELD EFFECT POWER TRANSISTOR
1993
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com