Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BF998RAW Datasheet(PDF) 4 Page - Vishay Siliconix |
|
BF998RAW Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 9 page BF998/BF998R/BF998RW Vishay Telefunken www.vishay.de • FaxBack +1-408-970-5600 Rev. 4, 23-Jun-99 4 (9) Document Number 85011 Typical Characteristics (Tamb = 25_C unless otherwise specified) 0 50 100 150 200 250 300 0 20 40 60 80 100 120 140 160 Tamb – Ambient Temperature ( °C ) 96 12159 Figure 1. Total Power Dissipation vs. Ambient Temperature 0 5 10 15 20 25 30 024 68 10 VDS – Drain Source Voltage ( V ) 12812 VG1S= 0.6V 0.4V 0 –0.4V 0.2V VG2S=4V –0.2V Figure 2. Drain Current vs. Drain Source Voltage 0 4 8 12 16 20 –0.8 –0.4 0.0 0.4 0.8 1.2 VG1S – Gate 1 Source Voltage ( V ) 12816 6V 5V 4V 0 2V 1V 3V VDS=8V VG2S=–1V Figure 3. Drain Current vs. Gate 1 Source Voltage 0 4 8 12 16 20 –0.6 –0.2 0.2 0.6 1.0 1.4 VG2S – Gate 2 Source Voltage ( V ) 12817 0 2V 1V 3V VDS=8V 5V VG1S= –1V 4V Figure 4. Drain Current vs. Gate 2 Source Voltage 0 0.5 1.0 1.5 2.0 2.5 3.0 –2 –1.5 –1.0 –0.5 0.0 0.5 1.0 1.5 VG1S – Gate 1 Source Voltage ( V ) 12863 VDS=8V VG2S=4V f=1MHz Figure 5. Gate 1 Input Capacitance vs. Gate 1 Source Voltage 0 0.5 1.0 1.5 2.0 2.5 3.0 246 8 10 12 VDS – Drain Source Voltage ( V ) 12864 VG2S=4V f=1MHz Figure 6. Output Capacitance vs. Drain Source Voltage |
Número de pieza similar - BF998RAW |
|
Descripción similar - BF998RAW |