Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AGLE3000V2-FGG896I Datasheet(PDF) 93 Page - Actel Corporation

No. de pieza AGLE3000V2-FGG896I
Descripción Electrónicos  IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACTEL [Actel Corporation]
Página de inicio  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLE3000V2-FGG896I Datasheet(HTML) 93 Page - Actel Corporation

Back Button AGLE3000V2-FGG896I Datasheet HTML 89Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 90Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 91Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 92Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 93Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 94Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 95Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 96Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 97Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 156 page
background image
IGLOOe DC and Switching Characteristics
Ad vance v0.3
2-79
1.2 V DC Core Voltage
Table 2-123 • Input DDR Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V
Parameter
Description
Std.
Units
tDDRICLKQ1
Clock-to-Out Out_QR for Input DDR
0.76
ns
tDDRICLKQ2
Clock-to-Out Out_QF for Input DDR
0.94
ns
tDDRISUD1
Data Setup for Input DDR (negedge)
0.93
ns
tDDRISUD2
Data Setup for Input DDR (posedge)
0.84
ns
tDDRIHD1
Data Hold for Input DDR (negedge)
0.00
ns
tDDRIHD2
Data Hold for Input DDR (posedge)
0.00
ns
tDDRICLR2Q1
Asynchronous Clear to Out Out_QR for Input DDR
1.23
ns
tDDRICLR2Q2
Asynchronous Clear-to-Out Out_QF for Input DDR
1.42
ns
tDDRIREMCLR
Asynchronous Clear Removal Time for Input DDR
0.00
ns
tDDRIRECCLR
Asynchronous Clear Recovery Time for Input DDR
0.24
ns
tDDRIWCLR
Asynchronous Clear Minimum Pulse Width for Input DDR
0.19
ns
tDDRICKMPWH
Clock Minimum Pulse Width HIGH for Input DDR
0.31
ns
tDDRICKMPWL
Clock Minimum Pulse Width LOW for Input DDR
0.28
ns
FDDRIMAX
Maximum Frequency for Input DDR
MHz
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-6 for derating
values.


Número de pieza similar - AGLE3000V2-FGG896I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGL015V2-CS144 ACTEL-AGL015V2-CS144 Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015V2-CS144 MICROSEMI-AGL015V2-CS144 Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGL015V2-CS144ES ACTEL-AGL015V2-CS144ES Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015V2-CS144ES MICROSEMI-AGL015V2-CS144ES Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
More results

Descripción similar - AGLE3000V2-FGG896I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com